Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9159 Datasheet(PDF) 11 Page - AVX Corporation

Part # 9159
Description  Table of Contents
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9159 Datasheet(HTML) 11 Page - AVX Corporation

Back Button 9159 Datasheet HTML 7Page - AVX Corporation 9159 Datasheet HTML 8Page - AVX Corporation 9159 Datasheet HTML 9Page - AVX Corporation 9159 Datasheet HTML 10Page - AVX Corporation 9159 Datasheet HTML 11Page - AVX Corporation 9159 Datasheet HTML 12Page - AVX Corporation 9159 Datasheet HTML 13Page - AVX Corporation 9159 Datasheet HTML 14Page - AVX Corporation 9159 Datasheet HTML 15Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
9
SSL - Cable Plug
Series 9159
The 9159 series of Board-to-Board interconnect system allows two
PCB's to be mated end-to-end creating strips of LED lighting. Designed
specifically for the unique Solid State Lighting (SSL) market requiring
coplanar (horizontal-to-horizontal) PCB mating with a 5 Amp current
rating in the smallest package available. The cabled plug was developed
to bring power and signals onto the PCB’s while keeping the same board
level interface. This allows the designer to build a single PCB with a
receptacle on one end and a plug on the other end to minimize cost and
inventory. Regardless of where the PCB is used in the system, the cabled
plug connector will then create the connection to the outside world. The
optional latch can be inserted into the plug housing to assure positive
attachment to the PCB in harsh environments without having to change
the PCB connector.
Additional components in the 9159 product family include:
• SSL - Horizontal Plug; Standard 2-Piece solution (10-9159)
• SSL - Horizontal Socket; Standard 2-Piece solution (20-9159)
• SSL - Top Load Socket; ZIF style for field reparability (22-9159)
• SSL - Shorting Socket; Two position (58-9159)
• SSL - Retaining Clip; Latches BTB connectors together (80-9159)
9159
Series
11
Prefix
Wire Plug
Soldered
Terminations
XXX
Number of Ways
1
2 Part
PCB Strip
Connector
16
Plating Option
HOW TO ORDER
X
Color Options
01
Connector
Pitch
01 = 3mm
Code Color
Application
0
Black
Industrial
1
White
Lighting
Code
No of
Details
Ways
002
2
Page 10
003
3
Page 11
004
4
Page 12
005
5
Page 13
006
6
Page 14
Code
Contact
16
Gold in Contact Area
Tin on Solder Tail
FEATURES AND BENEFITS
• Mates with standard horizontal socket; no need to change any connectors
• 5 Amp current rating; exceeds general market needs
• Wires are soldered into connector with tie wrap strain relief; simplicity
• Optional latch; provides positive attachment to PCB connector
• Available in white; supports SSL market preferences
APPLICATIONS
• Provided Wire-to-Board capabilities to
standard 9159 2-Piece connector system
• Application Notes; refer to 201-01-123
Optional Cover
See page 15 for ordering code
Optional Latch
See page 16 for ordering code
ELECTRICAL
• Current Rating: 5 Amps / Contact
• Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon: VL94VO
• Contact Material: BeCu / Phos Bronze
• Plating: Gold / Tin over Nickel
• Durability: 10 Cycles
NOTES: Connectors are supplied with cable ties (see page 17).
Covers/Latches are sold separately (see pages 15-16 for ordering codes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com