Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8738EDR Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8738EDR
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738EDR Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8738EDR Datasheet HTML 1Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 2Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 3Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 4Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 5Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 6Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738EDR Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
WM8738
Production Data
w
PD Rev 4.3 November 2004
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DVDD
Supply
Digital positive supply
2
SDATO
Digital Output
ADC digital data output
3
BCLK
Digital Input
ADC audio interface data clock (5V tolerant)
4
FMT
Digital input (with pull down)
Audio interface format selection (5V tolerant)
‘0’ = I
2S
‘1’ = Left Justified
5
CAP
Analog
Reference de-coupling pin
6
VREF
Analogue output
Buffered reference decoupling pin
7
RIN
Analogue Input
Right channel ADC input
8
LIN
Analogue Input
Left channel ADC input
9
AVDD
Supply
Analogue positive supply
10
AGND
Supply
Analogue ground supply and chip substrate
11
NOHP
Digital input (with pull down)
Digital highpass filter bypass; (5V tolerant)
‘0’ = Enabled
‘1’ = Bypassed
12
LRCLK
Digital Input
Data left/right word clock (5V tolerant)
13
MCLK
Digital Input
Master clock input (5V tolerant)
14
DGND
Supply
Digital supply ground
Notes
1. Digital input pins have Schmitt trigger input buffers and are 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com