Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC910607 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC910607
Description  PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910607 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC910607 Datasheet HTML 1Page - Torex Semiconductor XC910607 Datasheet HTML 2Page - Torex Semiconductor XC910607 Datasheet HTML 3Page - Torex Semiconductor XC910607 Datasheet HTML 4Page - Torex Semiconductor XC910607 Datasheet HTML 5Page - Torex Semiconductor XC910607 Datasheet HTML 6Page - Torex Semiconductor XC910607 Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary
Electrical Characteristics
XC9106D003MR, XC9107D003MR
(FOSC=300 (kHz)
Ta=25OC
*1
*1
Test Conditions: Unless otherwise stated, CL: ceramic, recommended MOS FET should be connected.
VDD =
(V)
Vref =
(V) ,
RFB1, 2 x 10
VIN =
(V)
IOUT =
(mA)
Notes
*1
Standard Circuit
4
Externally Applied Reference Voltage (Vref)
PARAMETER
SYMBOL
XC9106 / 07 Series
PWM Control, PWM/PFM Switching Control,
Step-up DC/DC Converters
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Circuit
Output Voltage
VOUT
Vref = 0.9V
8.820
9.000
9.180
V
1
Reference Voltage Range
Vref
0.8
2.5
V
-
FB Control Voltage
VFB
Vref = 0.9V
0.882
0.900
0.918
V
4
Power Supply Voltage Range
VDD
VDD as shown right or (Vref applied voltage + 0.7V)
1.8
10.0
V
-
Operation Start Voltage
VST1
Recommended Circuit using 2SD1628, IOUT=1.0mA
0.9
V
3
Oscillation Start Voltage
VST2
No external connections
CE/Vref=0.9V, Voltage applied, FB=0V
0.8
V
4
Operation Holding Voltage
VHLD
Recommended Circuit using 2SD1628, IOUT=1.0mA
0.7
V
3
Supply Current 1
IDD1
Same as VST2, VDD=3.300V
62
88
µA
4
Supply Current 2
IDD2
Same as IDD1, FB=1.2V
16
22
µA
4
Stand-by Current
ISTB
Same as IDD1, CE/Vref=0V
1.0
µA
5
Oscillation Frequency
FOSC
Same as IDD1
255
300
345
KHz
4
Maximum Duty Ratio
MAXDTY Same as IDD1
75
81
87
%
4
PFM Duty Ratio
PFMDTY No Load
(XC9106 series)
24
32
40
%
1
Efficiency
EFFI
Recommended Circuit using XP161A1355
85
%
1
Soft-start Time
TSS
Vref=0.9V
5.0
10.0
20.0
mS
1
CE "High" Voltage
VCEH
Same as IDD1
0.65
V
5
CE "Low" Voltage
VCEL
Same as IDD1
0.20
V
5
EXT "High" ON Resistance
REXTH
Same as IDD1, VEXT=VOUT-0.4V
24
36
Ω
4
EXT "Low" ON Resistance
REXTL
Same as IDD1, VEXT=0.4V
16
24
Ω
4
CE "High" Current
ICEH
Same as IDD2, CE=2.5V
0.0
2.5
µA
5
CE "Low" Current
ICEL
Same as IDD2, CE=0V
-0.1
µA
5
FB "High" Current
IFBH
Same as IDD2, CE=VDD
0.1
µA
5
FB "Low" Current
IFBL
Same as IDD2, CE=0V
-0.1
µA
5
3.30
0.09
3.30
50
Although the IC starts step-up operations from a VDD of 0.8V, the output voltage and oscillation frequency are stabilized at
VDD
≥ 1.8V or (Vref applied voltage + 0.7V). Therefore, a VDD of more than 1.8V or (Vref applied voltage + 0.7V) is recommended when
VDD is supplied from VIN or other power sources.
When obtaining VDD from a source other than VOUT, please
insert a capacitor CDD between the VDD pin and the GND pin in
order to provide stabler operations.
Please wire CL & CIN between the VOUT/VDD pin and the GND
pin. Strengthen the wiring sufficiently. When using a capacitor
other than ceramic or low ESR at CL, please take away
RSENSE and short.
Insert Rb and CB when using a
bipolar NPN Transistor.
VOUT
Nch Power
MOS FET
RSENSE
L
VIN
SD
RFB1
RFB2
CFB
CE/Vref
1
5
4
3
2
CL
Rb
Cb



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com