Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

144LP05D-PCB Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 144LP05D-PCB
Description  Signal conditioned precision pressure transducers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

144LP05D-PCB Datasheet(HTML) 2 Page - Sensortechnics GmbH

  144LP05D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 144LP05D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 144LP05D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 144LP05D-PCB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
144L...-PCB Series
Signal conditioned precision pressure transducers
2/4
Januar 2005 / 004
Specification notes:
1.
2.
3.
4.
5.
6.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
The output signal is proportional to the pressure applied to port B, relative to port A, e.g. the output signal increases when
vacuum is applied to port A relative to port B.
Full scale span is the algebraic difference between the positive full scale output and the zero pressure offset.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure.
Thermal effects tested and guaranteed from 0 to 50°C relative to 25°C. All specifications shown are relative to 25°C.
Change in output after one year or 1 million pressure cycles.
PERFORMANCE CHARACTERISTICS
(unless otherwise noted V
S = 8 V, RL > 100 kΩ
Ω
Ω
Ω
Ω, t
amb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
it
a
r
e
p
O
2
B
C
P
-
D
5
0
P
L
4
4
1
B
C
P
-
D
0
1
P
L
4
4
1
B
C
P
-
D
0
2
P
L
4
4
1
B
C
P
-
D
0
5
P
L
4
4
1
0
0
0
0
5
0
1
0
2
0
5
r
a
b
m
B
C
P
-
D
1
0
U
L
4
4
1
B
C
P
-
D
2
0
U
L
4
4
1
B
C
P
-
D
5
0
U
L
4
4
1
B
C
P
-
D
0
1
U
L
4
4
1
B
C
P
-
D
0
2
U
L
4
4
1
0
0
0
0
0
1
2
5
0
1
0
2
H
"
2O
t
e
s
ff
o
e
r
u
s
s
e
r
p
o
r
e
Z5
0
.
0
-0
5
0
.
0
V
t
u
p
t
u
o
e
l
a
c
s
ll
u
F9
.
40
.
51
.
5
n
a
p
s
e
l
a
c
s
ll
u
F
3
0
.
5
)
C
°
0
5
o
t
0
(
s
t
c
e
ff
e
l
a
m
r
e
h
T
4
t
e
s
ff
OB
C
P
-
D
1
0
U
L
4
4
1
B
C
P
-
D
2
0
U
L
4
4
1
B
C
P
-
D
5
0
P
L
4
4
1
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
0
.
0
±
2
0
.
0
±
2
0
.
0
±
1
0
.
0
±
5
1
.
0
±
7
0
.
0
±
7
0
.
0
±
3
0
.
0
±
C
°
/
O
S
F
%
n
a
p
SB
C
P
-
D
1
0
U
L
4
4
1
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
0
.
0
±
2
0
.
0
±
0
1
.
0
±
4
0
.
0
±
O
S
F
%
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
ti
r
a
e
n
il
-
n
o
N
5
1
.
05
.
0
y
ti
li
b
a
t
s
m
r
e
t
g
n
o
L
6
2
.
0
±
)
%
0
9
o
t
0
1
(
e
m
it
e
s
n
o
p
s
e
R
0
0
2s
µ
y
ti
v
it
i
s
n
e
s
n
o
it
i
s
o
PB
C
P
-
D
1
0
U
L
4
4
1
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
.
0
1
.
0
g
/
O
S
F
%
n
o
it
p
m
u
s
n
o
c
t
n
e
r
r
u
C
2
.
4A
m
n
o
it
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
ff
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%
www.first-sensor.com
www.sensortechnics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com