Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162PC01D-PCB Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # 162PC01D-PCB
Description  Fully signal conditioned low pressure transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

162PC01D-PCB Datasheet(HTML) 6 Page - Sensortechnics GmbH

  162PC01D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 162PC01D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 162PC01D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 162PC01D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 162PC01D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 162PC01D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
160PC...-PCB Series
Fully signal conditioned low pressure transducer
6/6
E / 11567 / A
www.first-sensor.com
www.sensortechnics.com
OUTLINE DRAWING
ORDERING INFORMATION
mass: 20 g
dimensions in mm
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Or
e
b
m
u
n
t
r
a
P
d
i
s
p
1
-
.
.
.
0B
C
P
-
D
1
0
C
P
1
6
1
d
i
s
p
1
+
.
.
.
0B
C
P
-
D
1
0
C
P
2
6
1
H
n
i
5
+
.
.
.
5
-
2OB
C
P
-
6
3
D
1
0
C
P
3
6
1
H
n
i
0
1
+
.
.
.
0
2OB
C
P
-
7
3
D
1
0
C
P
4
6
1
H
n
i
5
.
2
+
.
.
.
5
.
2
-
2OB
C
P
-
5
7
D
1
0
C
P
3
6
1
H
n
i
5
+
.
.
.
0
2OB
C
P
-
6
7
D
1
0
C
P
4
6
1
H
m
c
0
2
1
+
.
.
.
0
2
-
2OB
C
P
-
8
4
D
1
0
C
P
3
6
1
n
i
pn
o
i
t
c
e
n
n
o
c
1s
V
+
2s
V
-
3t
u
o
V
3
1
2
12.6
31.5
4.8
diam.
3.2 diam.
2 x mounting holes
3,4
30.0
port A
(high pressure)
3 terminals
0.56 diam.
NOM 6.0
14.0
Custom calibrations are widely available. Please contact First Sensor.
First Sensor reserves the right to make changes to any products herein. First Sensor does not assume any liability arising out of the application
or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com