Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD628 Datasheet(PDF) 6 Page - Analog Devices

Part # AD628
Description  Precision Dual-Channel, Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD628 Datasheet HTML 2Page - Analog Devices AD628 Datasheet HTML 3Page - Analog Devices AD628 Datasheet HTML 4Page - Analog Devices AD628 Datasheet HTML 5Page - Analog Devices AD628 Datasheet HTML 6Page - Analog Devices AD628 Datasheet HTML 7Page - Analog Devices AD628 Datasheet HTML 8Page - Analog Devices AD628 Datasheet HTML 9Page - Analog Devices AD628 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8270
Rev. 0 | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
–IN1A
2
–IN2A
3
+IN2A
4
+IN1A
11 –IN2B
12 –IN1B
10 +IN2B
9+IN1B
AD8270
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN1A
10 kΩ Resistor Connected to Negative Terminal of Op Amp A.
2
−IN2A
10 kΩ Resistor Connected to Negative Terminal of Op Amp A.
3
+IN2A
10 kΩ Resistor Connected to Positive Terminal of Op Amp A.
4
+IN1A
10 kΩ Resistor Connected to Positive Terminal of Op Amp A.
5
REF1A
20 kΩ Resistor Connected to Positive Terminal of Op Amp A. Most configurations use this pin as a reference
voltage input.
6
REF2A
20 kΩ Resistor Connected to Positive Terminal of Op Amp A. Most configurations use this pin as a reference
voltage input.
7
REF2B
20 kΩ Resistor Connected to Positive Terminal of Op Amp B. Most configurations use this pin as a reference
voltage input.
8
REF1B
20 kΩ Resistor Connected to Positive Terminal of Op Amp B. Most configurations use this pin as a reference
voltage input.
9
+IN1B
10 kΩ Resistor Connected to Positive Terminal of Op Amp B.
10
+IN2B
10 kΩ Resistor Connected to Positive Terminal of Op Amp B.
11
−IN2B
10 kΩ Resistor Connected to Negative Terminal of Op Amp B.
12
−IN1B
10 kΩ Resistor Connected to Negative Terminal of Op Amp B.
13
−VS
Negative Supply.
14
OUTB
Op Amp B Output.
15
OUTA
Op Amp A Output.
16
+VS
Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com