Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP380 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP380
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP380 Datasheet HTML 2Page - Analog Devices ADCMP380 Datasheet HTML 3Page - Analog Devices ADCMP380 Datasheet HTML 4Page - Analog Devices ADCMP380 Datasheet HTML 5Page - Analog Devices ADCMP380 Datasheet HTML 6Page - Analog Devices ADCMP380 Datasheet HTML 7Page - Analog Devices ADCMP380 Datasheet HTML 8Page - Analog Devices ADCMP380 Datasheet HTML 9Page - Analog Devices ADCMP380 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADCMP380
Data Sheet
Rev. 0 | Page 6 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Supply Current (ICC) vs. Temperature
Figure 4. Supply Current (ICC) vs. Supply Voltage, VCC < 2 V
Figure 5. Supply Current (ICC) vs. Supply Voltage
Figure 6. Input Current for IN and VCC vs. VIN
Figure 7. Output Voltage vs. Voltage on VCC
(with the OUT Pin Pulled up to the VCC Pin Through RPULLUP)
Figure 8. Maximum Transient Duration vs. OUT Comparator Overdrive
70
75
80
85
90
95
100
105
110
115
120
–40 –30 –20 –10
0
10203040
50607080
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
SUPPLY VOLTAGE (V)
VCC FALLING
VCC RISING
60
70
80
90
100
110
120
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
–2
–1
0
1
2
3
4
5
6
7
8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
IVIN, VCC = 0V
IVIN, VCC = 2V
ICC, VCC = 2V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0.5
1.0
1.5
2.0
2.5
3.0
VOLTAGE ON VCC (V)
RPULLUP = 10kΩ
RPULLUP = 100kΩ
0
50
100
150
200
250
300
350
400
450
110
100
OUT COMPARATOR OVERDRIVE (mV)
IN FALLING
IN RISING



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com