Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ZP Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # TL431ZP
Description  Programmable Precision Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZP Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  TL431ZP Datasheet HTML 1Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 2Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 3Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 4Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 5Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TECHNICAL DATA
2011, January, rev. 03
Programmable Precision Reference
Description
The TL431Z is a three-terminal adjustable
regulator series with a guaranteed thermal
stability over applicable temperature ranges.
The output voltage may be set to any value
between Vref (approximately 2.5 volts) and 40
volts with two external resistors. These devices
have a typical dynamic output impedance of
0.2
Ω. Active output circuitry provides a very
sharp turn-on characteristic, making these
devices
excellent
replacement
for
zener
diodes in many applications.The TL431Z is
characterized for operation from -40
oC to
+125
oC.
Pin Connections
TO-92
SOT-89
CATHODE
ANODE
REFERENCE
SOT-23
Features
• Programmable Output Voltage to 40V
• Low Dynamic Output Impedance 0.2Ω
• Sink Current Capability of 0.1 mA to 100 mA
• Equivalent Full-Range Temperature Coefficient
of 50 ppm/
oC
• Temperature Compensated for Operation over
Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn on Response
• TO-92, SOT-89, SOT-23 packages
Ordering Information
Product Number
Reference Input Voltage
Package
TL431ZCLF
TL431ZCLS
0.5%
TO-92
TL431ZCS
SOT-23
TL431ZCP
SOT-89
TL431ZALF
TL431ZALS
1%
TO-92
TL431ZAS
SOT-23
TL431ZAP
SOT-89
TL431ZLF
TL431ZLS
2%
TO-92
TL431ZS
SOT-23
TL431ZP
SOT-89
TL431Z


Similar Part No. - TL431ZP

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL431ZP IKSEMICON-TL431ZP Datasheet
569Kb / 14P
Programmable Precision Reference
More results

Similar Description - TL431ZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com