Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5303 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5303
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5303 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5303 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5303 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5303 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5303 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5303
No.6177–3/4
SW Time - I C
SW Time - I B2
VCC=200V
IC/IB1=5
IB2/IB1=2
R load
VCC=200V
IC=12A
IB1=2.4A
R load
2
3
5
7
2
3
5
7
5
7
1.0
0.1
7 0.1
35
7
1.0
23
5
7
23
2
10
0.1
7
1.0
2
3
5
7
2
3
5
7
10
1.0
0.1
10
35
7
72
2
35
7
2
0.1
57
100
23
5
7
1000
23
1.0
10
100
7
5
3
2
7
5
3
2
7
5
3
2
Forward Bias A S O
I CP
I C
P
C =140W
Ta=25
°C
Single pulse
Reverse Bias A S O
L =100
µH
IB2=-5A
Tc =25
°C
Single pulse
tstg
tstg
tf
tf
2
2
10
100
1000
35 7
2
3
5 7
2
2
35 7
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
100
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE –V
Collector Current, IC –A
Base Current, IB2 –A
PC - Ta
PC - Tc
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
1
2
3
4.6
5
4
20
40
60
80
100
120
140
160
0
Ambient Temperature, Ta –
°C
No
heat
sink
Case Temperature, Tc –
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com