Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2794TL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2794TL
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794TL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2794TL Datasheet HTML 1Page - National Semiconductor (TI) LM2794TL Datasheet HTML 2Page - National Semiconductor (TI) LM2794TL Datasheet HTML 3Page - National Semiconductor (TI) LM2794TL Datasheet HTML 4Page - National Semiconductor (TI) LM2794TL Datasheet HTML 5Page - National Semiconductor (TI) LM2794TL Datasheet HTML 6Page - National Semiconductor (TI) LM2794TL Datasheet HTML 7Page - National Semiconductor (TI) LM2794TL Datasheet HTML 8Page - National Semiconductor (TI) LM2794TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagram
20028523
Bottom View
Ordering Information
Standard Micro SMD Package:
Order Number
Shutdown Polarity
Package Number
Package
Marking
Supplied As
LM2794BL
Active Low
BLP14EHB
I LOG
250 Units, Tape and Reel
LM2794BLX
Active Low
BLP14EHB
I LOG
3000 Units, Tape and Reel
LM2795BL
Active High
BLP14EHB
I LOJ
250 Units, Tape and Reel
LM2795BLX
Active High
BLP14EHB
I LOJ
3000 Units, Tape and Reel
Thin Micro SMD Package:
Order Number
Shutdown Polarity
Package Number
Package
Marking
Supplied As
LM2794TL
Active Low
TLP14EHA
I LOG
250 Units, Tape and Reel
LM2794TLX
Active Low
TLP14EHA
I LOG
3000 Units, Tape and Reel
LM2795TL
Active High
TLP14EHA
I LOJ
250 Units, Tape and Reel
LM2795TLX
Active High
TLP14EHA
I LOJ
3000 Units, Tape and Reel
Pin Description
Pin(*)
Name
Function
A1
C1+
Positive terminal of C1
B2
C1−
Negative terminal of C1
C1
V
IN
Power supply voltage input
D2
GND
Power supply ground input
E1
C2−
Negative terminal of C2
E3,E5,E7,D6
D1−4
Current source outputs. Connect directly to LED
C7
I
SET
Current Sense Input. Connect 1% resistor to ground to set constant current through LED
B6
BRGT
Variable voltage input controls output current
A7
SD
The LM2794 has an active-low shutdown pin (LOW = shutdown, HIGH = operating). The
LM2795 has an active-high shutdown pin (HIGH = shutdown, LOW = operating) that has a
pull-up to V
IN.
A5
C2+
Positive terminal of C2
A3
P
OUT
Charge pump output
(*) Note that the pin numbering scheme for the Micro SMD package was revised in April, 2002 to conform to JEDEC standard. Only the pin numbers were revised.
No changes to the physical location of the inputs/outputs were made. For reference purpose, the obsolete numbering had C1+ as pin 1, C1- as pin 2, VIN as pin
3, GND as pin 4, C2- as pin 5, D1-D4 as pin 6,7,8 & 9, Iset as pin 10, BRGT as pin 11, SD as pin 12, C2+ as pin 13, Pout as pin 14
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com