Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505SCH-3.15-R Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # S505SCH-3.15-R
Description  5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S505SCH-3.15-R Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  S505SCH-3.15-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S505SCH-3.15-R Datasheet HTML 2Page - Cooper Bussmann, Inc. S505SCH-3.15-R Datasheet HTML 3Page - Cooper Bussmann, Inc. S505SCH-3.15-R Datasheet HTML 4Page - Cooper Bussmann, Inc. S505SCH-3.15-R Datasheet HTML 5Page - Cooper Bussmann, Inc. S505SCH-3.15-R Datasheet HTML 6Page - Cooper Bussmann, Inc. S505SCH-3.15-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Technical Data
10401
Effective May 2015
S505SCH
5 x 20 mm Time-delay, high l2t, axial lead, ceramic tube fuses
www.eaton.com/elx
Temperature derating curve
Environmental data
Operating temperature: -55°C to 125°C (with derating)
Thermal shock: MIL-STD- 202G, Method 107G, test condition B (5 cycles - 65°C to 125°C)
Vibration: MIL-STD- 202G, method 201A
Humidity: MIL-STD- 202G, method 103B, test condition A
Salt spray: MIL-STD- 202G, method 101E, test condition B
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com