Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # P2000SA
Description  THYRISTOR SURGE SUPPRESSORS TSS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P2000SA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  P2000SA Datasheet HTML 1Page - SUNMATE electronic Co., LTD P2000SA Datasheet HTML 2Page - SUNMATE electronic Co., LTD P2000SA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P2000SA
P1800SA
P1500SA
2 of 3
@IDRM
A
VS
@100V/ S
VT
@IT=2.2A
IS
IH
C0
@1MHz
V min
V max
V max
mA max
A max
mA min
pF min
pF max
6
25
4
800
2.2
50
25
150
25
40
4
800
2.2
50
15
140
58
77
4
800
2.2
150
40
60
65
88
4
800
2.2
150
35
60
75
98
4
800
2.2
150
25
55
90
130
4
800
2 2
150
30
50
120
160
4
800
2.2
150
25
45
140
180
4
800
2.2
150
25
40
170
220
4
800
2.2
150
25
35
180
220
4
800
2
.
2
150
20
35
Part
Number
@IDRM=5 A
VDR M
IT
.
.
190
260
4
800
2.2
150
25
35
220
300
4
800
2.2
150
20
35
275
350
4
800
2.2
150
20
35
320
400
4
800
2.2
150
20
35
360
460
4
800
2.2
150
20
35
400
540
4
800
2.2
150
20
35
440
600
4
800
2.2
150
20
35
.
.
140
180
4
800
2.2
150
25
40
170
220
4
800
2.2
150
25
35
180
220
4
800
2.2
150
20
35
P0080SA
P0300SA
P0640SA
P0720SA
P0900SA
P1100SA
P1300SA
P2300SA
P2600SA
P3100SA
P3500SA
P4000SA
P4500SA
P5000SA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com