Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SB Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # P2000SB
Description  THYRISTOR SURGE SUPPRESSORS TSS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P2000SB Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  P2000SB Datasheet HTML 1Page - SUNMATE electronic Co., LTD P2000SB Datasheet HTML 2Page - SUNMATE electronic Co., LTD P2000SB Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
250
250
150
100
80
100
30
P0080SB - P5000SB
THYRISTOR SURGE SUPPRESSORS TSS
Symbol
ITSM
50/60 Hz
di/dt
500
Notes:
1.
Current waveform in
µs
2.
Voltage waveform in
µs
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product.
- IPP ratings applicable over temperature range of -40 C to +85 C
- The device must initially be in thermal equilibrium with -40
°C < T
J < +150°C
TJ
Operating Junction Temperature Range
- 40 to + 150
°C
TS
Storage Temperature Range
- 40 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
90
°C/W
Thermal Considerations
Value
Unit
Parameter
SurgeRatings
Series
2/10 S
8/20 S
10/160 S
10/560 S
10/1000 S
5/310 S
1
1
1
1
1
1
A min
A min
A min
A min
A min
A min
A min
Amps/ s max
2/10 S
1.2/50 S
10/160 S
10/560 S
10/1000 S
10/700 S
2
2
2
2
2
2
Features
1 of 3
www.sunmate.tw
!
!
!
!
!
Mechanical Data
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
Polarity: None; Bi-Directional Devices Have No
Polarity Indicator
Weight: 0.093 grams (approx.)
!
!
!
!
!
Case: SMB/DO-214AA, Molded Plastic
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
Low voltage overshoot
Low on-state voltage
Fails short circuit when surged in excess of ratings
Low Capacitance
Does not degrade surge capability
after multiple surge events within limit


Similar Part No. - P2000SB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2000SB LITTELFUSE-P2000SB Datasheet
97Kb / 1P
DO-214AA Package Symbolization
logo
Socay Electornics Co., ...
P2000SB SOCAY-P2000SB Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
SIDACtor Protection Thyristors
logo
Guangdong Kexin Industr...
P2000SB KEXIN-P2000SB Datasheet
1Mb / 3P
Thyristor Surge Suppressors
logo
Shenzhen Saite Microele...
P2000SB PHY-P2000SB Datasheet
539Kb / 3P
THYRISTOR SURGE SUPPRESSORS TSS
More results

Similar Description - P2000SB

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P0080TA SOCAY-P0080TA Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
P0080SB SOCAY-P0080SB Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
P0080LC SOCAY-P0080LC Datasheet
314Kb / 5P
Thyristor Surge Suppressors (TSS)
P0080LB SOCAY-P0080LB Datasheet
314Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
SUNMATE electronic Co.,...
P0080SA SUNMATE-P0080SA Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS TSS
logo
Shenzhen Saite Microele...
P0080SB PHY-P0080SB Datasheet
539Kb / 3P
THYRISTOR SURGE SUPPRESSORS TSS
logo
UN Semiconducctor INC
TISP61089B UNSEMI-TISP61089B Datasheet
2Mb / 4P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
P0080EB UNSEMI-P0080EB Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
P0080EC UNSEMI-P0080EC Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
PXXX0SC-2L UNSEMI-PXXX0SC-2L Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com