Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10DF Datasheet(PDF) 3 Page - International Rectifier

Part # 10DF
Description  ULTRAFAST SWITCHING RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10DF Datasheet(HTML) 3 Page - International Rectifier

  10DF Datasheet HTML 1Page - International Rectifier 10DF Datasheet HTML 2Page - International Rectifier 10DF Datasheet HTML 3Page - International Rectifier 10DF Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
10DF. Series
PD-20553 03/98
Fig.1-ReverseRecoveryTimeCharacteristicandTestCircuitDiagram
Fig.6-ForwardCurrentDeratingCurve
Fig.2-ForwardCharacteristic
Fig.4-ForwardSurgeCharacteristic
Fig.3-TypicalJunctionCapacitance
0
5
10
15
20
25
30
0.1
1
10
100
1000
Number of Cicles at 60Hz
1
10
100
0
20
406080
100
T = 25°C
J
Reverse Voltage - (V)
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
T = 25°C
J
Maximum Forward Voltage - (V)
50
60
70
80
90
100
110
120
130
140
150
0
0.2
0.4
0.6
0. 8
1
1.2
Average Forward Current - (A)
Single Phase Half Wave 60HZ
Resistive or Inductive Load
.375" Lead Lengths
PULSE
GENERATOR
NOTE 2
OS CILLOSCOPE
NOTE 1
1 S
NON
INDUCTIVE
10 S
NON
INDUCTIVE
50 S
NON
INDUCTIVE
25 V dc
(a pprox)
(+)
(+)
(-)
(-)
D.U.T.
1c m
S ET TIME
BASE FOR
10nsec/cm
+0.5A
0
-1 A
-0.25 A
trr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com