Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF0004 Datasheet(PDF) 2 Page - Sanken electric

Part # SPF0004
Description  Automotive Qualified
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF0004 Datasheet(HTML) 2 Page - Sanken electric

  SPF0004 Datasheet HTML 1Page - Sanken electric SPF0004 Datasheet HTML 2Page - Sanken electric SPF0004 Datasheet HTML 3Page - Sanken electric SPF0004 Datasheet HTML 4Page - Sanken electric SPF0004 Datasheet HTML 5Page - Sanken electric SPF0004 Datasheet HTML 6Page - Sanken electric SPF0004 Datasheet HTML 7Page - Sanken electric SPF0004 Datasheet HTML 8Page - Sanken electric SPF0004 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPF0004
SPF0004-DSE Rev.1.0
SANKEN ELCTRIC CO.,LTD.
2
Sep. 06, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Absolute Maximum Ratings
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Test conditions
Rating
Unit
Drain to Source Voltage
VDSS
275
V
Gate to Source Voltage
VGSS
± 20
V
Continuous Drain Current
ID
± 6
A
Pulsed Drain Current
ID(PULSE)
Pulse width ≤ 100µs
Duty cycle ≤ 1 %
± 30
A
Single Pulse Avalanche Energy
EAS
VDD = 49 V,
L = 0.05 mH,
IAS = 40A,
VGS = +16 V, −13 V,
RG = 1.5 kΩ,
unclamped,
see Figure 1
47.5
mJ
Avalanche Current
IAS
30
A
Power Dissipation
PD
TC = 25 °C
2.5
W
Drain to Source dv/dt 1
„dv/dt 1
VDD = 200 V,
L = 0.035 mH,
RG = 150Ω,
IDP = 30 A,
VGS = +16 V, −16 V,
di/dt ≥ −125 A/μs,
see Figure 2
5.6
V/ns
Peak Diode Recovery dv/dt 2
„dv/dt 2
VDD = 200 V,
L = 0.2 mH,
ISDP = 30 A,
See Figure 3
8.5
V/ns
Peak Diode Recovery di/dt
„di/dt
VDD = 200 V,
L = 0.2 mH,
ISDP = 30 A,
See Figure 3
220
A/µs
Operating Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
− 55 to 150
°C
Thermal Characteristics
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
(Junction to Case)
RθJC
−
−
4.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com