Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL33N65M2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL33N65M2
Description  N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL33N65M2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL33N65M2 Datasheet HTML 7Page - STMicroelectronics STL33N65M2 Datasheet HTML 8Page - STMicroelectronics STL33N65M2 Datasheet HTML 9Page - STMicroelectronics STL33N65M2 Datasheet HTML 10Page - STMicroelectronics STL33N65M2 Datasheet HTML 11Page - STMicroelectronics STL33N65M2 Datasheet HTML 12Page - STMicroelectronics STL33N65M2 Datasheet HTML 13Page - STMicroelectronics STL33N65M2 Datasheet HTML 14Page - STMicroelectronics STL33N65M2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STL33N65M2
14/15
DocID026089 Rev 3
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
26-Jun-2013
1
First release.
23-Jul-2014
2
Text edits throughout document.
On cover page, updated title, features and description.
Updated Table 2: Absolute maximum ratings.
Updated Table 3: Thermal data.
Added Table 4: Avalanche characteristics.
Updated Table 5: On /off states.
Updated Table 6: Dynamic.
Updated Table 7: Switching times.
Updated Table 8: Source drain diode.
13-Apr-2016
3
Updated cover image and Figure 1: "Internal schematic diagram".
Updated Section 3: "Test circuits".
Added footnote in Table 5: "On /off states".
Removed footnote in Table 8: "Source drain diode".
Updated Section 4: "Package information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com