Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF526X Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM8AF526X
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF526X Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM8AF526X Datasheet HTML 114Page - STMicroelectronics STM8AF526X Datasheet HTML 115Page - STMicroelectronics STM8AF526X Datasheet HTML 116Page - STMicroelectronics STM8AF526X Datasheet HTML 117Page - STMicroelectronics STM8AF526X Datasheet HTML 118Page - STMicroelectronics STM8AF526X Datasheet HTML 119Page - STMicroelectronics STM8AF526X Datasheet HTML 120Page - STMicroelectronics STM8AF526X Datasheet HTML 121Page - STMicroelectronics STM8AF526X Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 125 page
background image
Revision history
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
118/125
DocID14395 Rev 15
01-Jul-2009
4
(continued)
Removed table: Total current consumption and timing in halt, fast
active halt and slow active halt modes at VDD = 3.3 V.
Added Table 28: Oscillator current consumption.
Added Table 29: Programming current consumption.
Updated Table 30: Typical peripheral current consumption VDD = 5.0
V
Updated Table 31: HSE external clock characteristics.
Updated Table 32: HSE oscillator characteristics.
Table 20: HSE oscillator circuit diagram: changed ‘consumption
control’ to ‘current control’
Section : HSE oscillator critical gm formula: clarified formula
Updated Table 33: HSI oscillator characteristics.
Removed ‘RAM and hardware registers’
Removed Table: RAM and hardware registers.
Updated Table 35: Flash program memory/data EEPROM memory
Added Table 36: Flash program memory.
Added Table 37: Data memory.
Updated Table 38: I/O static characteristics.
Updated Table 39: NRST pin characteristics.
Updated Table 40: TIM 1, 2, 3, and 4 electrical specifications
Section 10.3.9: SPI interface: changed title from “SPI serial
peripheral interface“.
Updated Table 41: SPI characteristics.
Figure 40: SPI timing diagram in slave mode and with CPHA = 0:
Changed title and added footnote.
Figure 41: SPI timing diagram in slave mode and with CPHA = 1:
changed the title.
Updated Table 43: ADC characteristics.
Updated Figure 43: Typical application with ADC.
Removed Table: ADC accuracy for VDDA = 3.3 V.
Updated Table 44: ADC accuracy for VDDA = 5 V.
Updated Table 46: EMI data.
Updated Table 48: Electrical sensitivities.
Added text about Ecopack in the Section 11: Package information.
Figure 48: LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat
package outline: deleted footnote.
Updated Figure 60: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax
ordering information scheme1.
Added Section 13: STM8 development tools.
22-Oct-2009
5
Updated Table 1: Device summary: added STM8AF5178,
STM8AF519A and STM8AF619A.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com