Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF526X Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM8AF526X
Description  Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF526X Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM8AF526X Datasheet HTML 117Page - STMicroelectronics STM8AF526X Datasheet HTML 118Page - STMicroelectronics STM8AF526X Datasheet HTML 119Page - STMicroelectronics STM8AF526X Datasheet HTML 120Page - STMicroelectronics STM8AF526X Datasheet HTML 121Page - STMicroelectronics STM8AF526X Datasheet HTML 122Page - STMicroelectronics STM8AF526X Datasheet HTML 123Page - STMicroelectronics STM8AF526X Datasheet HTML 124Page - STMicroelectronics STM8AF526X Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 125 page
background image
Revision history
STM8AF526x/8x/Ax STM8AF6269/8x/Ax
122/125
DocID14395 Rev 15
18-Jul-2012
9
(continued)
Table 26: Total current consumption in Run, Wait and Slow mode.
General conditions for VDD apply, TA = -40 °C to 150 °C: updated
conditions for IDD(RUN).
Table 38: I/O static characteristics: added new condition and new
max values for rise and fall time; updated footnote 2.
Section 10.3.7: Reset pin characteristics: updated text below
Figure 38: Typical NRST pull-up current Ipu vs VDD
Figure 39: Recommended reset pin protection: updated unit of
capacitor.
Table 41: SPI characteristics: updated SCK high and low time
conditions and values.
Figure 42: SPI timing diagram - master mode: replaced ‘SCK input’
signals with ‘SCK output’ signals.
Updated Table 49: LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat
package mechanical data, Table 50: LQFP64 - 64-pin, 10 x 10 mm
low-profile quad flat package mechanical data, Table 51: LQFP48 -
48-pin, 7 x 7 mm low-profile quad flat package mechanical data,
Table 52: LQFP32 - 32-pin, 7 x 7 mm low-profile quad flat package
mechanical data, Table 53: VFQFPN32 - 32-pin, 5 x 5 mm, 0.5 mm
pitch very thin profile fine pitch quad flat package mechanical data
Replaced Figure 48: LQFP64 - 64-pin, 10 x 10 mm low-profile quad
flat package outline, Figure 51: LQFP48 - 48-pin, 7 x 7 mm low-
profile quad flat package outline and Figure 54: LQFP32 - 32-pin, 7 x
7 mm low-profile quad flat package outline
Added Figure 49: LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat
package recommended footprint, Figure 52: LQFP48 - 48-pin, 7 x
7 mm low-profile quad flat package recommended footprint and
Figure 55: LQFP32 - 32-pin, 7 x 7 mm low-profile quad flat package
recommended footprint
Updated Figure 57: VFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch very
thin profile fine pitch quad flat package outline
Updated Figure 60: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax
ordering information scheme1
Section 13.2.2: C and assembly toolchains: added www.iar.com.
31-Mar-2014
10
Updated:
– Table 1: Device summary,
– Table: STM8AF52xx product line-up with CAN,
– Table: STM8AF/H/P51xx product line-up with CAN,
– Table: STM8AF/H/P61xx product line-up without CAN,
– Table 11: STM8AF526x/8x/Ax and STM8AF6269/8x/Ax pin
description,
– The maximum speed in Section 5.9.3: Serial peripheral interface
(SPI),
–tTEMP Reset release delay /VDD rising typical and max values in
Table 25: Operating conditions at power-up/power-down,
– The symbol tIFP(NRST) with tINFP(NRST) in Table 39: NRST pin
characteristics,
– The address and comment for Reset in Table 17: STM8A interrupt
table.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com