Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ015M33R Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLQ015M33R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M33R Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLQ015M33R Datasheet HTML 9Page - STMicroelectronics STLQ015M33R Datasheet HTML 10Page - STMicroelectronics STLQ015M33R Datasheet HTML 11Page - STMicroelectronics STLQ015M33R Datasheet HTML 12Page - STMicroelectronics STLQ015M33R Datasheet HTML 13Page - STMicroelectronics STLQ015M33R Datasheet HTML 14Page - STMicroelectronics STLQ015M33R Datasheet HTML 15Page - STMicroelectronics STLQ015M33R Datasheet HTML 16Page - STMicroelectronics STLQ015M33R Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STLQ015
16/17
DocID17285 Rev 6
9
Revision history
Table 8: Document revision history
Date
Revision
Changes
23-Mar-2010
1
Initial release.
20-Jan-2011
2
Modified: Table 5 on page 13 and Figure 18.
Added: Figure 19.
11-Sep-2012
3
Added: new order codes STLQ015XG12R, STLQ015XG15R and STLQ015XG18R to
the device summary table.
17-Feb-2014
4
Changed the part number STLQ015xx to STLQ015.
Changed the title in cover page.
Updated Description and Table : in cover page.
Changed typ. value of IQ parameter in Table 4: Electrical characteristics.
Minor text changes.
03-Jul-2015
5
Added package SOT23-5L.
Updated Table 1.: Pin description, Table 3.: Thermal data and Figure 2.: Pin
configuration (top view)
Updated 8: Order code.
Updated Section 7: Package information.
Minor text changes.
02-Sep-2016
6
Updated Section 8: "Ordering information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com