Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS77 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 74LS77
Description  4-BIT D LATCH LOW POWER SCHOTTKY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS77 Datasheet(HTML) 4 Page - Motorola, Inc

  74LS77 Datasheet HTML 1Page - Motorola, Inc 74LS77 Datasheet HTML 2Page - Motorola, Inc 74LS77 Datasheet HTML 3Page - Motorola, Inc 74LS77 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-4
FAST AND LS TTL DATA
SN54/74LS75
D SN54/74LS77
LOGIC DIAGRAM
DATA
ENABLE
TO OTHER LATCH
Q (SN54/74LS75 ONLY)
Q
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
–55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Sb l
P
Limits
Ui
T
C
di i
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Enable Pulse Width High
20
ns
V5 0 V
ts
Setup Time
20
ns
VCC = 5.0 V
th
Hold Time
0
ns
AC WAVEFORMS
D
E
Q
Q
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
th
ts
tPLH
tPLH
tPHL
tPHL
tPLH
tPHL
tPHL
tPLH
DEFINITION OF TERMS
SETUP TIME (ts) — is defined as the minimum time required for the correct logic level to be present at the logic input prior to the
clock transition from HIGH-to-LOW in order to be recognized and transferred to the outputs.
HOLD TIME (th) — is defined as the minimum time following the clock transition from HIGH-to-LOW that the logic level must be
maintained at the input in order to ensure continued recognition. A negative HOLD TIME indicates that the correct logic level may
be released prior to the clock transition from HIGH-to-LOW and still be recognized.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com