Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3148 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM8AL3148
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3148 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM8AL3148 Datasheet HTML 83Page - STMicroelectronics STM8AL3148 Datasheet HTML 84Page - STMicroelectronics STM8AL3148 Datasheet HTML 85Page - STMicroelectronics STM8AL3148 Datasheet HTML 86Page - STMicroelectronics STM8AL3148 Datasheet HTML 87Page - STMicroelectronics STM8AL3148 Datasheet HTML 88Page - STMicroelectronics STM8AL3148 Datasheet HTML 89Page - STMicroelectronics STM8AL3148 Datasheet HTML 90Page - STMicroelectronics STM8AL3148 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
DocID18474 Rev 7
87/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
NRST pin
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 29. Typical NRST pull-up resistance RPU vs VDD
Table 45. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
NRST input low level
voltage
-
VSS(1)
-
0.8(1)
V
VIH(NRST)
NRST input high level
voltage
-
1.4(1)
-
VDD(1)
VOL(NRST)
NRST output low level
voltage
IOL = 2 mA
for 2.7 V
≤VDD ≤ 3.6 V
--
0.4(1)
IOL = 1.5 mA
for VDD < 2.7 V
--
VHYST
NRST input hysteresis
-
10%VDD(2)(3)
--
mV
RPU(NRST)
NRST pull-up equivalent
resistor
-
30(1)
45
60(1)
k
Ω
VF(NRST)
NRST input filtered pulse
-
-
-
50(3)
ns
VNF(NRST)
NRST input not filtered
pulse
-
300(3)
--
1. Data based on characterization results, not tested in production.
2. 200 mV min.
3. Data guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com