Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F058T8 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F058T8
Description  Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F058T8 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F058T8 Datasheet HTML 96Page - STMicroelectronics STM32F058T8 Datasheet HTML 97Page - STMicroelectronics STM32F058T8 Datasheet HTML 98Page - STMicroelectronics STM32F058T8 Datasheet HTML 99Page - STMicroelectronics STM32F058T8 Datasheet HTML 100Page - STMicroelectronics STM32F058T8 Datasheet HTML 101Page - STMicroelectronics STM32F058T8 Datasheet HTML 102Page - STMicroelectronics STM32F058T8 Datasheet HTML 103Page - STMicroelectronics STM32F058T8 Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 104 page
background image
Revision history
STM32F058C8 STM32F058R8 STM32F058T8
102/104
DocID023402 Rev 3
29-Sep-2015
2
(continued)
– Table 57: TS characteristics: changed the min value for TS-
temp
– Table 58: VBAT monitoring characteristics: changed the min
value for TS-vbat and the typical value for R parameters
– Section 6.3.22: Communication interfaces: updated the
description and features in the subsection I2C interface
characteristics
– Table 64: I2S characteristics: updated the min values for
data input hold time (master and slave receiver)
– Table 31: Peripheral current consumption
Addition of WLCSP36 package. Updates in:
– Section 2: Description
– Table 1: STM32F058C8/R8/T8 family device features and
peripheral counts,Table 5: No. of capacitive sensing
channels available on STM32F058C8/R8/T8 devices,
– Section 4: Pinouts and pin descriptions with the addition of
Figure 6: WLCSP36 package pinout
– Table 12: Pin definitions,
– Table 20: General operating conditions
– Section 7: Package information with the addition of
Section 7.5: WLCSP36 package information
– Table 74: Package thermal characteristics
– Section 8: Part numbering
Update of the device marking examples in Section 7:
Package information.
16-Dec-2015
3
Section 2: Description:
– Table 1: STM32F058C8/R8/T8 family device features and
peripheral counts - number of SPIs corrected for 36-pin
package
– Figure 1: Block diagram modified
Section 3: Functional overview:
– Figure 2: Clock tree modified; divider for CEC corrected
– Table 7: Comparison of I2C analog and digital filters -
adding “extra” information for FastPlus mode output
Section 4: Pinouts and pin descriptions:
– Package pinout figures updated (look and feel)
– Figure 6: WLCSP36 package pinout - now presented in
top view
– Table 12: Pin definitions - note 3 and 5 added; previous
note for PB8 removed;
Section 6: Electrical characteristics:
– Table 21: Embedded internal reference voltage - removed -
40°C-85°C temperature range line and the associated note
– Table 45: I/O static characteristics - removed note
– Section 6.3.15: 12-bit ADC characteristics - changed
introductory sentence
– Table 50: ADC characteristics updated and table footnotes
3 and 4 added
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com