Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F058T8 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F058T8
Description  Advanced ARM-based 32-bit MCU, 64 KB Flash, 11 timers, ADC, DAC & comm. interfaces, 1.8 V
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F058T8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F058T8 Datasheet HTML 25Page - STMicroelectronics STM32F058T8 Datasheet HTML 26Page - STMicroelectronics STM32F058T8 Datasheet HTML 27Page - STMicroelectronics STM32F058T8 Datasheet HTML 28Page - STMicroelectronics STM32F058T8 Datasheet HTML 29Page - STMicroelectronics STM32F058T8 Datasheet HTML 30Page - STMicroelectronics STM32F058T8 Datasheet HTML 31Page - STMicroelectronics STM32F058T8 Datasheet HTML 32Page - STMicroelectronics STM32F058T8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
DocID023402 Rev 3
29/104
STM32F058C8 STM32F058R8 STM32F058T8
Pinouts and pin descriptions
32
Table 12. Pin definitions
Pin number
Pin name
(function upon
reset)
Notes
Pin functions
Alternate functions
Additional functions
1
B2
1
-
VBAT
S
-
-
Backup power supply
2
A2
2
A6
PC13
I/O
TC
(1)(2)
-
RTC_TAMP1,
RTC_TS,
RTC_OUT,
WKUP2
3A1
3
B6
PC14-OSC32_IN
(PC14)
I/O
TC
(1)(2)
-
OSC32_IN
4B1
4
C6
PC15-
OSC32_OUT
(PC15)
I/O
TC
(1)(2)
-
OSC32_OUT
5C1
5
B5
PF0-OSC_IN
(PF0)
I/O
FT
-
-
OSC_IN
6D1
6
C5
PF1-OSC_OUT
(PF1)
I/O
FT
-
-
OSC_OUT
7
E1
7
D5
NRST
I/O RST
-
Device reset input / internal reset output (active low)
8
E3
-
-
PC0
I/O
TTa
-
EVENTOUT
ADC_IN10
9
E2
-
-
PC1
I/O
TTa
-
EVENTOUT
ADC_IN11
10 F2
-
-
PC2
I/O
TTa
-
EVENTOUT
ADC_IN12
11 G1
-
-
PC3
I/O
TTa
-
EVENTOUT
ADC_IN13
12 F1
8
D6
VSSA
S
-
(3)
Analog ground
13 H1
9
E5
VDDA
S
-
-
Analog power supply
14 G2 10 F6
PA0
I/O
TTa
-
USART2_CTS,
TIM2_CH1_ETR,
COMP1_OUT, TSC_G1_IO1
ADC_IN0,
COMP1_INM6,
RTC_TAMP2,
WKUP1
15 H2 11 D4
PA1
I/O
TTa
-
USART2_RTS, TIM2_CH2,
TSC_G1_IO2, EVENTOUT
ADC_IN1,
COMP1_INP
16 F3 12 E4
PA2
I/O
TTa
-
USART2_TX, TIM2_CH3,
TIM15_CH1, COMP2_OUT,
TSC_G1_IO3
ADC_IN2,
COMP2_INM6
17 G3 13 F5
PA3
I/O
TTa
-
USART2_RX, TIM2_CH4,
TIM15_CH2, TSC_G1_IO4
ADC_IN3,
COMP2_INP
18 C2
-
-
PF4
I/O
FT
-
EVENTOUT
-
19 D2
-
-
PF5
I/O
FT
-
EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com