Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334X4 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F334X4
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F334X4 Datasheet HTML 107Page - STMicroelectronics STM32F334X4 Datasheet HTML 108Page - STMicroelectronics STM32F334X4 Datasheet HTML 109Page - STMicroelectronics STM32F334X4 Datasheet HTML 110Page - STMicroelectronics STM32F334X4 Datasheet HTML 111Page - STMicroelectronics STM32F334X4 Datasheet HTML 112Page - STMicroelectronics STM32F334X4 Datasheet HTML 113Page - STMicroelectronics STM32F334X4 Datasheet HTML 114Page - STMicroelectronics STM32F334X4 Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 115 page
background image
Revision history
STM32F334x4 STM32F334x6 STM32F334x8
114/115
DocID025409 Rev 5
9
Revision history
Table 80. Document revision history
Date
Revision
Changes
19-Jun-2014
1
Initial release.
09-Dec-2014
2
Updated:
Table 54: TIMx characteristics
Table 14: STM32F303x6/8 pin definitions
Table 59: ADC characteristics
Table 34: Peripheral current consumption
Table 40: HSI oscillator characteristics
Table 17: HSI oscillator accuracy characterization results for
soldered parts
Table 2: STM32F334x4/6/8 family device features and
peripheral counts
2-Feb-2015
3
Updated:
Figure 1: STM32F334x4/6/8 block diagram
Table 38: HSE oscillator characteristics
Table 43: Flash memory characteristics
Added Figure 13: High-speed external clock source AC timing
diagram
09-Jun-2015
4
Udpated :
Title
Section 3.14.1: 217 ps high-resolution timer (HRTIM1)
Section 6.1.6: Power-supply scheme
Table 19: General operating conditions
27-Sep-2016
5
Updated:
Section Table 69.: DAC characteristics, Section Table 64.:
ADC characteristics,Table 53: NRST pin characteristics,
Figure 2: Clock tree,Table 13: STM32F334x4/6/8 pin
definitions, Table 71: Operational amplifier characteristics,
Figure 20: Five volt tolerant (FT and FTf) I/O input
characteristics - CMOS port, Table 23: Embedded internal
reference voltage, Table 39: LSE oscillator characteristics
(fLSE = 32.768 kHz)
Added:
Table 35: Wakeup time using USART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com