Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F334X4 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F334X4
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F334X4 Datasheet HTML 12Page - STMicroelectronics STM32F334X4 Datasheet HTML 13Page - STMicroelectronics STM32F334X4 Datasheet HTML 14Page - STMicroelectronics STM32F334X4 Datasheet HTML 15Page - STMicroelectronics STM32F334X4 Datasheet HTML 16Page - STMicroelectronics STM32F334X4 Datasheet HTML 17Page - STMicroelectronics STM32F334X4 Datasheet HTML 18Page - STMicroelectronics STM32F334X4 Datasheet HTML 19Page - STMicroelectronics STM32F334X4 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
Functional overview
STM32F334x4 STM32F334x6 STM32F334x8
16/115
DocID025409 Rev 5
3.5
Interconnect matrix
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources thus power supply
consumption. In addition, these hardware connections allow fast and predictable latency.
Note:
For more details about the interconnect actions, refer to the corresponding sections in the
RM0364 reference manual.
Table 4. STM32F334x4/6/8 peripheral interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
ADCx
DACx
Conversion triggers
DMA
Memory to memory transfer trigger
COMPx
Comparator output blanking
COMPx
TIMx
Timer input: ocrefclear input, input capture
ADCx
TIM/HRTIM1
Timer triggered by analog watchdog
GPIO
RTCCLK
HSE/32
MC0
TIM16
Clock source used as input channel for HSI and
LSI calibration
CSS
CPU (hard fault)
RAM (parity error)
COMPx
PVD
GPIO
TIM1
TIM15, 16, 17
Timer break
GPIO
TIMx
External trigger, timer break
ADCx
DACx
Conversion external trigger
DACx
COMPx
Comparator inverting input
HRTIM1
DACx/ADCx
Conversion trigger
COMPx
HRTIM1
COMPx output is an input event or a fault input for
HRTIM1
OPAMP2
HRTIM1
OPAMP2 output is an input event for HRTIM1
GPIO
HRTIM1
External fault/event/ Synchro inputs for HRTIM1
HRTIM1
GPIO
Synchro output for HRTIM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com