Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSX7192IDT
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSX7192IDT Datasheet HTML 1Page - STMicroelectronics TSX7192IDT Datasheet HTML 2Page - STMicroelectronics TSX7192IDT Datasheet HTML 3Page - STMicroelectronics TSX7192IDT Datasheet HTML 4Page - STMicroelectronics TSX7192IDT Datasheet HTML 5Page - STMicroelectronics TSX7192IDT Datasheet HTML 6Page - STMicroelectronics TSX7192IDT Datasheet HTML 7Page - STMicroelectronics TSX7192IDT Datasheet HTML 8Page - STMicroelectronics TSX7192IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Absolute maximum ratings and operating
conditions
TSX7192
4/25
DocID027196 Rev 1
2
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
(1)
18
V
Vid
Differential input voltage
(2)
±VCC
mV
Vin
Input voltage
(VCC-) - 0.2 to (VCC+) + 0.2
V
Iin
Input current
(3)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
ESD
HBM: human body model
(4)
4000
V
MM: machine model
(5)
100
CDM: charged device model
(6)
1500
Latch-up immunity
200
mA
Notes:
(1)
All voltage values, except the differential voltage are with respect to the network ground terminal.
(2)
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. See
Section 4.7 for precautions to follow when using the TSX7192 with high differential input voltage.
(3)
Input current must be limited by a resistor in series with the inputs.
(4)
According to JEDEC standard JESD22-A114F.
(5)
According to JEDEC standard JESD22-A115A.
(6)
According to ANSI/ESD STM5.3.1.
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 16
V
Vicm
Common mode input voltage range
(VCC- ) - 0.1 to (VCC+) + 0.1
Toper
Operating free air temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com