Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7192IYST Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSX7192IYST
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192IYST Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSX7192IYST Datasheet HTML 14Page - STMicroelectronics TSX7192IYST Datasheet HTML 15Page - STMicroelectronics TSX7192IYST Datasheet HTML 16Page - STMicroelectronics TSX7192IYST Datasheet HTML 17Page - STMicroelectronics TSX7192IYST Datasheet HTML 18Page - STMicroelectronics TSX7192IYST Datasheet HTML 19Page - STMicroelectronics TSX7192IYST Datasheet HTML 20Page - STMicroelectronics TSX7192IYST Datasheet HTML 21Page - STMicroelectronics TSX7192IYST Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application information
TSX7192
18/25
DocID027196 Rev 1
4.8
Capacitive load
Driving large capacitive loads can cause stability problems. Increasing the load
capacitance produces gain peaking in the frequency response, with overshoot and ringing
in the step response. It is usually considered that with a gain peaking higher than 2.3 dB an
op amp might become unstable.
Generally, the unity gain configuration is the worst case for stability and the ability to drive
large capacitive loads.
Figure 31 shows the serial resistor that must be added to the output, to make a system
stable. Figure 32 shows the test configuration using an isolation resistor, Riso.
Figure 31: Stability criteria with a serial resistor at different supply voltages
Figure 32: Test configuration for Riso
100k
11k
Vcc+
Vin
Vcc-
Riso
Cl
10k
Vout
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com