Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1900 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1900
Description  Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1900 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1900 Datasheet HTML 10Page - STMicroelectronics UM1900 Datasheet HTML 11Page - STMicroelectronics UM1900 Datasheet HTML 12Page - STMicroelectronics UM1900 Datasheet HTML 13Page - STMicroelectronics UM1900 Datasheet HTML 14Page - STMicroelectronics UM1900 Datasheet HTML 15Page - STMicroelectronics UM1900 Datasheet HTML 16Page - STMicroelectronics UM1900 Datasheet HTML 17Page - STMicroelectronics UM1900 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Connectors
UM1900
14/19
DocID027905 Rev 3
4
Connectors
The pin assignments for the Arduino UNO R3 and the Morpho connectors are shown in
Table 7: "Morpho connector table" and Table 8: "Arduino connector table" respectively.
Table 7: Morpho connector table
Connector
Pin
Signal
Remarks
CN7
1
MIC_CLKx2
If SB20 is close
3
MIC_PDM34
If SB20 is close
6
E5V
12
3V3
16
3V3
18
5V
20
GND
22
GND
24
V_IN
29
OSC_CLK_OUT
If SB6 is close
35
MIC_CLK_NUCLEO
If SB12 is close
CN10
11
MIC_CLKx2
If SB8 is close
12
OTG_FS_DP_NUCLEO
If SB1 is close
14
OTG_FS_DM_NUCLEO
If SB2 is close
15
MIC_PDM34
If SB10 is close
25
MIC_PDM34
If SB17 is close
26
MIC_PDM12
If SB11 is close
27
MIC_CLKx2
If SB15 is close
28
MIC_PDM12
If SB16 is close
29
MIC_CLK_NUCLEO
If SB7 is close
30
MIC_CLKx2
If SB13 is close
Table 8: Arduino connector table
Connector
Pin
Signal
Remarks
CN6
2
3V3
4
3V3
5
5V
6
GND
7
GND
8
V_IN
CN5
6
MIC_CLKx2
If SB8 is close
4
MIC_PDM34
If SB10 is close
CN9
7
MIC_PDM34
If SB17 is close
6
MIC_CLKx2
If SB15 is close
5
MIC_CLK_NUCLEO
If SB7 is close



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com