Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9753-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9753-EB
Description  12-Bit, 300 MSPS High-Speed TxDACD/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9753-EB Datasheet HTML 3Page - Analog Devices AD9753-EB Datasheet HTML 4Page - Analog Devices AD9753-EB Datasheet HTML 5Page - Analog Devices AD9753-EB Datasheet HTML 6Page - Analog Devices AD9753-EB Datasheet HTML 7Page - Analog Devices AD9753-EB Datasheet HTML 8Page - Analog Devices AD9753-EB Datasheet HTML 9Page - Analog Devices AD9753-EB Datasheet HTML 10Page - Analog Devices AD9753-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
REV. 0
–7–
Typical Performance Characteristics–AD9753
FOUT – MHz
90
70
40
100
10
0
80
60
50
20
30
40
50
60
70
80
90
0dBmFS
–6dBmFS
–12dBmFS
TPC 2. Single-Tone SFDR vs. fOUT
@ fDAC = 200 MSPS
FOUT – MHz
90
70
40
100
10
0
80
60
50
20
30
40
50
60
70
80
90
SFDR NEAR CARRIERS
(2F1-F2, 2F2-F1)
SFDR OVER
NYQUIST BAND
TPC 5. Two-Tone IMD vs. fOUT @
fDAC = 200 MSPS, 1 MHz Spacing
between Tones, 0 dBFS
AOUT – dBm
90
70
40
–6
–16
80
60
50
–14
–12
–10
–8
–4
–20
26MHz @ 130MSPS
40MHz @ 200MSPS
60MHz @ 300MSPS
TPC 8. Single-Tone SFDR vs. AOUT
@ fOUT = fDAC/5
FOUT – MHz
90
70
40
100
0
80
60
50
20
40
60
80
120
140
160
0dBmFS
–6dBmFS
–12dBmFS
TPC 3. Single-Tone SFDR vs. fOUT @
fDAC = 300 MSPS
FOUT – MHz
90
70
40
100
0
80
60
50
20
40
60
80
120
140
160
SFDR CLOSE TO CARRIERS
(2F1-F2, 2F2-F1)
SFDR OVER NYQUIST BAND
TPC 6. Two-Tone IMD vs. fOUT @
fDAC = 300 MSPS, 1 MHz Spacing
between Tones, 0 dBFS
AOUT – dBm
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–20
–18
–20
18.18/19.18MHz
@ 200MSPS
11.82/12.82MHz
@ 130MSPS
27.27/28.27MHz
@ 300MSPS
TPC 9. Two-Tone IMD (Third Order
Products) vs. AOUT @ fOUT = fDAC/11
FOUT – MHz
90
70
40
35
5
0
80
60
50
10
15
20
25
30
0dBmFS
–6dBmFS
–12dBmFS
TPC 1. Single-Tone SFDR vs. fOUT @
fDAC = 65 MSPS; Single Port Mode
FOUT – MHz
90
70
40
100
0
80
60
50
20
40
60
80
120
140
200MSPS
300MSPS
65MSPS
TPC 4. SFDR vs. fOUT @ 0 dBFS
AOUT – dB
90
70
40
–6
–16
80
60
50
–14
–12
–10
–8
–4
–20
11.82MHz @ 130MSPS
18.18MHz @ 200MSPS
27.27MHz @ 300MSPS
TPC 7. Single-Tone SFDR vs. AOUT @
fOUT = fDAC/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com