Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # PCB
Description  Vertical and horizontal version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCB Datasheet(HTML) 3 Page - TE Connectivity Ltd

  PCB Datasheet HTML 1Page - TE Connectivity Ltd PCB Datasheet HTML 2Page - TE Connectivity Ltd PCB Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
01-2015, Rev. 0115
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay Card E (Continued)
Product code structure
Typical product code
V23057
-A
0
006
-A
1
01
Type
V23057
Power PCB Relay Card E
Version
A
Horizontal
B
Vertical
Version
0
Standard (nature white)
Coil
Coil code: please refer to coil versions table
Contact set
A
Single contact
Contact material
1
AgNi 0.15
2
AgNi 20
4
AgCdO
Contact configuration
01 1 form C contact (1 CO)
02 1 form A contact (1 NO)
Product code
Version
Contact arrrangement
Contact material
Coil
Part Number
V23057-A0002-A101
Horizontal
1 form C (CO) contact
AgNi 0.15
12VDC
1393215-4
V23057-A0002-A401
AgCdO
1393215-9
V23057-A0006-A101
AgNi 0.15
24VDC
2-1393215-1
V23057-A0006-A201
AgNi 20
2-1393215-3
V23057-A0006-A401
AgCdO
2-1393215-5
V23057-B0001-A101
Vertical
AgNi 0.15
6VDC
6-1393215-6
V23057-B0002-A101
12VDC
6-1393215-7
V23057-B0002-A201
AgNi 20
6-1393215-9
V23057-B0002-A401
AgCdO
7-1393215-1
V23057-B0006-A101
AgNi 0.15
24VDC
7-1393215-5
V23057-B0006-A102
1 form A (NO) contact
7-1393215-9
V23057-B0006-A201
1 form C (CO) contact
AgNi 20
8-1393215-1
V23057-B0006-A401
AgCdO
8-1393215-5
V23057-B0006-A402
1 form A (NO) contact
8-1393215-6
V23057-B0023-A201
1 form C (CO) contact
AgNi 20
60VDC
2-1415543-8
This list represents the most common types and does not show all variants covered by this data sheet.
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com