Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPL60R299CP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPL60R299CP
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R299CP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPL60R299CP_12 Datasheet HTML 2Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 3Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 4Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 5Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 6Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 7Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 8Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 9Page - Infineon Technologies AG IPL60R299CP_12 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
600V CoolMOS™ CP Power Transistor
IPL60R299CP
Electrical characteristics
Final Data Sheet
6
Rev. 2.1, 2012-01-10
Table 6
Gate charge characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Gate to source charge
Q
gs
-5
-
nC
V
DD=480 V, ID=6.6 A,
V
GS=0 to 10 V
Gate to drain charge
Q
gd
-8
-
Gate charge total
Q
g
-22
-
Gate plateau voltage
V
plateau
-5
-
V
Table 7
Reverse diode characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Diode forward voltage
V
SD
-0.9
-
V
V
GS=0 V, IF=6.6 A,
T
j=25 °C
Reverse recovery time
t
rr
-300
-
ns
V
R=400 V, IF=6.6 A,
d
i
F/dt=100 A/µs
(see table 18)
Reverse recovery charge
Q
rr
-3.9
-
µC
Peak reverse recovery current
I
rrm
-26
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com