Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPL60R199CP Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPL60R199CP
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R199CP Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPL60R199CP_15 Datasheet HTML 5Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 6Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 7Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 8Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 9Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 10Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 11Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 12Page - Infineon Technologies AG IPL60R199CP_15 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
600V CoolMOS
™ CP Power Transistor
IPL60R199CP
Test circuits
Final Data Sheet
11
Rev. 2.3, 2015-10-23
6
Test circuits
Table 16
Switching times test circuit and waveform for inductive load
Switching times test circuit for inductive load
Switching time waveform
Table 17
Unclamped inductive load test circuit and waveform
Unclamped inductive load test circuit
Unclamped inductive waveform
Table 18
Test circuit and waveform for diode characteristics
Test circuit for diode characteristics
Diode recovery waveform
VDS
VGS
VDS
VGS
td(on)
td(off)
tr
ton
tf
toff
10%
90%
VDS
ID
VDS
VD
V(BR)DS
ID
VDS
VDS
ID
RG1
RG2
RG1 = RG2
4
@$
%
)@
%LL
+*"
0*"
998
998
%
998
;57***//
"
4
$
4
"
;
998
#
;
%
%
4
)@
$
@
LL
%
LL
%
%
;
%
4
1 %
1
LL
"
"
;
4
% "



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com