Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCU3000 Datasheet(PDF) 13 Page - Micronas

Part # CCU3000
Description  Central Control Unit
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CCU3000 Datasheet(HTML) 13 Page - Micronas

Back Button CCU3000 Datasheet HTML 9Page - Micronas CCU3000 Datasheet HTML 10Page - Micronas CCU3000 Datasheet HTML 11Page - Micronas CCU3000 Datasheet HTML 12Page - Micronas CCU3000 Datasheet HTML 13Page - Micronas CCU3000 Datasheet HTML 14Page - Micronas CCU3000 Datasheet HTML 15Page - Micronas CCU3000 Datasheet HTML 16Page - Micronas CCU3000 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
CCU 3000, CCU 3000-I
CCU 3001, CCU 3001-I
MICRONAS INTERMETALL
13
write:
bit 0
1... Write 8 bit
bit 1
1... Write 16 bit
bit 2
1... Read 8 bit
bit 3
1... Read 16 bit
1 byte Data rate (5 bits) = fosc
4 . n
Only one of the bits 0 to 3 in the control register should
be set. If all bits are set to ‘0‘, a reset of the interface is
done, thus deleting telegrams still waiting for access to
the bus. The IM bus addresses for the slave registers
are:
Slave register
IM bus address
1
02 H
2
03 H
3
04 H
Fig. 2–13: IM bus interface
INT
INT
Data rate
n
Master
Interface
transmission
completed
slave
register 1 (IM Bus
Mode
Slave
Slave
Slave
Slave
1
2
3
Contr.
Data
Addr.
Rate
ID
Data
CLK
3
4
Master
Ready
IM Bus addresses
2, 3 and 4
Interface
Data rate:
4 n
.
fosc
4
fosc
. f
IM
fIM
;n =
=
CPU
data bus
address 02H)
received data
(1 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com