Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GZ2 Datasheet(PDF) 2 Page - General Semiconductor

Part # GZ2
Description  Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GZ2 Datasheet(HTML) 2 Page - General Semiconductor

  GZ2 Datasheet HTML 1Page - General Semiconductor GZ2 Datasheet HTML 2Page - General Semiconductor GZ2 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GZ Series
Zener Diodes
Electrical Characteristics (TJ = 25°C unless otherwise noted) Maximum VF=1.2V at IF=200mA
Reverse Current
Dynamic Resistance
Zener Voltage VZ (V)
(1)
Test Condition
IR (
µA)
Test Condition
rd (
Ω)
Test Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
GZ2
C1
2.2
2.4
5
5
0.5
100
5
GZ2
C2
2.3
2.5
5
5
0.5
100
5
GZ2
C3
2.4
2.6
5
5
0.5
100
5
GZ3
A1
2.5
2.7
5
5
0.5
100
5
GZ3
A2
2.6
2.8
5
5
0.5
100
5
GZ3
A3
2.7
2.9
5
5
0.5
100
5
GZ3
B1
2.8
3.0
5
5
0.5
100
5
GZ3
B2
2.9
3.1
5
5
0.5
100
5
GZ3
B3
3.0
3.2
5
5
0.5
100
5
GZ3
C1
3.1
3.3
5
5
0.5
100
5
GZ3
C2
3.2
3.4
5
5
0.5
100
5
GZ3
C3
3.3
3.5
5
5
0.5
100
5
GZ4
A1
3.4
3.6
5
5
1.0
100
5
GZ4
A2
3.5
3.7
5
5
1.0
100
5
GZ4
A3
3.6
3.8
5
5
1.0
100
5
GZ4
B1
3.7
3.9
5
5
1.0
100
5
GZ4
B2
3.8
4.0
5
5
1.0
100
5
GZ4
B3
3.9
4.1
5
5
1.0
100
5
GZ4
C1
4.0
4.2
5
5
1.0
100
5
GZ4
C2
4.1
4.3
5
5
1.0
100
5
GZ4
C3
4.2
4.4
5
5
1.0
100
5
GZ5
A1
4.3
4.5
5
5
1.5
100
5
GZ5
A2
4.4
4.6
5
5
1.5
100
5
GZ5
A3
4.5
4.7
5
5
1.5
100
5
GZ5
B1
4.6
4.8
5
5
1.5
100
5
GZ5
B2
4.7
4.9
5
5
1.5
100
5
GZ5
B3
4.8
5.0
5
5
1.5
100
5
GZ5
C1
4.9
5.1
5
5
1.5
100
5
GZ5
C2
5.0
5.2
5
5
1.5
100
5
GZ5
C3
5.1
5.3
5
5
1.5
100
5
GZ6
A1
5.2
5.5
5
5
2.0
40
5
GZ6
A2
5.3
5.6
5
5
2.0
40
5
GZ6
A3
5.4
5.7
5
5
2.0
40
5
GZ6
B1
5.5
5.8
5
5
2.0
40
5
GZ6
B2
5.6
5.9
5
5
2.0
40
5
GZ6
B3
5.7
6.0
5
5
2.0
40
5
GZ6
C1
5.8
6.1
5
5
2.0
40
5
GZ6
C2
6.0
6.3
5
5
2.0
40
5
GZ6
C3
6.1
6.4
5
5
2.0
40
5
GZ7
A1
6.3
6.6
5
1
3.5
15
5
GZ7
A2
6.4
6.7
5
1
3.5
15
5
GZ7
A3
6.6
6.9
5
1
3.5
15
5
GZ7
B1
6.7
7.0
5
1
3.5
15
5
GZ7
B2
6.9
7.2
5
1
3.5
15
5
GZ7
B3
7.0
7.3
5
1
3.5
15
5
GZ7
C1
7.2
7.6
5
1
3.5
15
5
GZ7
C2
7.3
7.7
5
1
3.5
15
5
GZ7
C3
7.5
7.9
5
1
3.5
15
5
GZ9
A1
7.7
8.1
5
1
5.0
20
5
GZ9
A2
7.9
8.3
5
1
5.0
20
5
GZ9
A3
8.1
8.5
5
1
5.0
20
5
GZ9
B1
8.3
8.7
5
1
5.0
20
5
GZ9
B2
8.5
8.9
5
1
5.0
20
5
GZ9
B3
8.7
9.1
5
1
5.0
20
5
Note: (1) Tested with 40ms pulse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com