Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACL-RWS Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # ACL-RWS
Description  Low inductance available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ACL-RWS Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  ACL-RWS Datasheet HTML 1Page - Ohmite Mfg. Co. ACL-RWS Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
The information contained herein does not form part of
a contract and is subject to change without notice. Arcol
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask Arcol.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
1 / 11.46
RWS Precision Power Wirewound
SMD Resistor
A compact and precision power resistor, manufactured to the highest
standards; reliable and robust but still achieving drift of less than 1%
and TCR of 10-90ppm/˚C when under rated conditions
• High overload capability for surge and pulse applications
• Low inductance available
• Custom specification available
• RoHS Compliant
Electrical Specifications
Type
Wattage Tolerance
Resistance Range
Resistance Range - Non-inductive
Min
Max
Min
Max
RWS05
0.5
D (0.5%)
F (1%)
J (5%)
R005
1K
R1
200R
RWS1
1
R005
5K8
R1
1K2
RWS2
2
R005
14K
R1
2K8
RWS3
3
R01
25K
R1
5K
RWS5
5
R05
50K
R1
10K
Characteristics
Tolerance (Code):
Operating temperature:
Temperature coefficient:
Max. working voltage:
Short time overload
Solderability
Resistance to solder heat
Dielectric withstanding voltage
Load life
± 0.5% (D),± 1% (F), ± 5% (J)
-55°C to +155°C
± 90ppm/°C R1 - R99, ± 50ppm/°C 1R - 10R, ± 20ppm/°C > 10R
(PxR) 1/2
5 times rated wattage for 5 seconds
±(0.5% + 0.05mΩ)∆R
Bath temperature 235±5˚C, immersion time 2±0.5 seconds JIS C 5201 4.17
>95% of contact face covered new solder
Bath temperature 260±5˚C, immersion time 10±1 seconds JIS C 5201 4.18
±(0.5% + 0.05mΩ)∆R
Test voltage >500V, duration 1 minute JIS C 5201 4.7
70˚C ±2˚C, rated DC working voltage applied 1.5 hours on and 0.5 hours off, 1000 hours, ±(2.0% +
0.05mΩ)∆R
www.arcolresistors.com
For more information and ordering, please consult


Similar Part No. - ACL-RWS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACL-10337 ETC2-ACL-10337 Datasheet
244Kb / 1P
8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
Applied Concepts Inc.
ACL-11-1171 ACIPOWER-ACL-11-1171 Datasheet
90Kb / 1P
CCFL INVERTER
ACL-12-1129 ACIPOWER-ACL-12-1129 Datasheet
95Kb / 1P
CCFL INVERTER
ACL-12-1225 ACIPOWER-ACL-12-1225 Datasheet
124Kb / 2P
CCFL INVERTER
ACL-12-1258 ACIPOWER-ACL-12-1258 Datasheet
90Kb / 1P
CCFL INVERTER
More results

Similar Description - ACL-RWS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0508YC224KAT2W AVX-0508YC224KAT2W Datasheet
321Kb / 4P
Low Inductance Capacitors
0508YC274KAT2A AVX-0508YC274KAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
0508YC393MAT2A AVX-0508YC393MAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
0508YC472KAT2V AVX-0508YC472KAT2V Datasheet
321Kb / 4P
Low Inductance Capacitors
0508ZC104KAT2V AVX-0508ZC104KAT2V Datasheet
321Kb / 4P
Low Inductance Capacitors
0508ZC684MAT2A AVX-0508ZC684MAT2A Datasheet
321Kb / 4P
Low Inductance Capacitors
LG126Z473MAT2S1 AVX-LG126Z473MAT2S1 Datasheet
370Kb / 4P
Low Inductance Capacitors
logo
Ohmite Mfg. Co.
ACL-AP725 OHMITE-ACL-AP725 Datasheet
412Kb / 2P
Low inductance
RES-P OHMITE-RES-P Datasheet
114Kb / 1P
Low Inductance
logo
M/A-COM Technology Solu...
KSV14XX MA-COM-KSV14XX Datasheet
395Kb / 2P
Low Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com