Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL15 Datasheet(PDF) 1 Page - General Semiconductor

Part # LL15
Description  Voltage Stabilizers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL15 Datasheet(HTML) 1 Page - General Semiconductor

  LL15 Datasheet HTML 1Page - General Semiconductor LL15 Datasheet HTML 2Page - General Semiconductor LL15 Datasheet HTML 3Page - General Semiconductor LL15 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Voltage Stabilizers
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05 g
Dimensions in inches and (millimeters)
MiniMELF
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
4/98
Symbol
Value
Unit
Operating Current see Table “Characteristics”
Inverse Current
IF
100
mA
Power Dissipation at Tamb = 25 °C
Ptot
3001)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–55 to +150
°C
1) Valid provided that electrodes are kept at ambient temperature.
LL1.5 THRU LL2.4
Silicon Planar Stabilizer Diodes
Monolithic integrated analog circuits in Min-
iMELF case, designed for small power stabi-
lizer and limitation circuits, providing low dynamic
resistance and high-quality
stabilization performance as well as low noise. In the
reverse direction, these devices show the behavior
of forward-biased silicon diodes.
The end of the device marked with the cathode ring
is to be connected:
LL1.5 and LL2 to the negative pole of the supply voltage
LL 2.4 to the positive pole of the supply voltage
These diodes are also available in DO-35 case
with the type designation ZTE1.5 … ZTE2.4.
♦
♦
♦
♦


Similar Part No. - LL15

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
LL150PT CHENMKO-LL150PT Datasheet
126Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
LL1517 ETC1-LL1517 Datasheet
23Kb / 1P
Audio Output Transformer
LL1545A ETC1-LL1545A Datasheet
49Kb / 2P
Audio Transformer
LL1570 ETC1-LL1570 Datasheet
30Kb / 1P
Transformers for splitting
LL1570XL ETC1-LL1570XL Datasheet
30Kb / 1P
Transformers for splitting
More results

Similar Description - LL15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ZTE5.1 VISHAY-ZTE5.1 Datasheet
108Kb / 4P
Voltage Stabilizers
02-May-02
logo
New Jersey Semi-Conduct...
ZTE1.5 NJSEMI-ZTE1.5 Datasheet
85Kb / 2P
Voltage Stabilizers
logo
General Semiconductor
LL1.5 GE-LL1.5 Datasheet
118Kb / 4P
Voltage Stabilizers
ZTE1.5 GE-ZTE1.5 Datasheet
129Kb / 3P
Voltage Stabilizers
ZTK6.8 GE-ZTK6.8 Datasheet
121Kb / 2P
Voltage Stabilizers
logo
New Jersey Semi-Conduct...
ZTK6.8 NJSEMI-ZTK6.8 Datasheet
81Kb / 1P
Voltage Stabilizers
logo
Billiton Ltd.
TP7660 ASIC-TP7660 Datasheet
123Kb / 6P
Voltage-voltage deflector
TP7660H ASIC-TP7660H Datasheet
111Kb / 6P
Voltage-voltage deflector
logo
Beijing Yaohuadechang E...
TV600GB-2K YHDC-TV600GB-2K Datasheet
5Mb / 1P
Voltage type voltage transformer
TV600GB-5K YHDC-TV600GB-5K Datasheet
5Mb / 1P
Voltage type voltage transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com