Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DIP40
Description  Thermal Data
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP40 Datasheet(HTML) 2 Page - STMicroelectronics

  DIP40 Datasheet HTML 1Page - STMicroelectronics DIP40 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0.5
1
1.5
2
2.5
3
50
55
60
65
dissipated power ( Watt )
Rth(j-a) (ºC/W)
Thermal Data
Dip 40
2/2
1)
2)
die size 35000 sq. mils
dissipating area 2000 sq. mils
2 s 1 Oz. board
0.001
0.01
0.1
1
10
100
1,000
10
Time (s)
Zth( ºC/W)
die size 35000 sq. mils
dissipating area 2000 sq. mils
2s 1Oz. board
2 w single square pulse



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com