Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESAB33CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESAB33CS
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESAB33CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESAB33CS Datasheet HTML 1Page - List of Unclassifed Manufacturers ESAB33CS Datasheet HTML 2Page - List of Unclassifed Manufacturers ESAB33CS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESAB33(CS) (5A)
(200V / 5A)
FAST RECOVERY DIODE
Outline drawings, mm
Features
Soft recovery, low noise
High reliability
Applications
High speed power switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-Repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IO
IFSM
Tj
Tstg
Conditions
30
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Thermal resistance
Symbol
VFM
IRRM
trr
Rth(j-c)
Conditions
IFM=2.5A
VR=VRRM
junction to case
Max.
1.4
100
5.0
Unit
V
µA
ns
°C/W
Square wave duty=1/2, Tc=110°C
Sine wave 10ms
Rating
-02
200
200
5*
Connection diagram
*Average forward current of centertap full wave connection
1
2
3
JEDEC
TO-220AB
EIAJ
SC-46
10+0.5
0
Ø3.6±0.2
5.08
2.54
0.8
1.2
4.5±0.2
1.32
2.7
0.4
IF=0.1A, IR=0.1A
IF=0.1A, IR=0.2A, Irec=0.05A
100
45
3
2
1


Similar Part No. - ESAB33CS

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESAB33CS FUJI-ESAB33CS Datasheet
69Kb / 4P
FAST RECOVERY DIODE
More results

Similar Description - ESAB33CS

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com