Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2926 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2926
Description  Low Dropout Regulator with Delayed Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2926 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2926 Datasheet HTML 1Page - National Semiconductor (TI) LM2926 Datasheet HTML 2Page - National Semiconductor (TI) LM2926 Datasheet HTML 3Page - National Semiconductor (TI) LM2926 Datasheet HTML 4Page - National Semiconductor (TI) LM2926 Datasheet HTML 5Page - National Semiconductor (TI) LM2926 Datasheet HTML 6Page - National Semiconductor (TI) LM2926 Datasheet HTML 7Page - National Semiconductor (TI) LM2926 Datasheet HTML 8Page - National Semiconductor (TI) LM2926 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
Survival
t = 100 ms
80V
t = 1 ms
−50V
Continuous
−18V to +26V
Reset Output Sink Current
10 mA
ESD Susceptibility (Note 2)
2 kV
Power Dissipation (Note 3)
Internally Limited
Junction Temperature (T
JMAX)
150˚C
Storage Temperature Range
−40˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Operating Ratings(Note 1)
Junction Temperature Range (T
J)
−40˚C to +125˚C
Maximum Input Voltage
26V
Electrical Characteristics
V
IN = 14.4V, CO = 10 µF, −40˚C ≤ TJ ≤ 125˚C, unless otherwise specified.
Parameter
Conditions
Typ
Limit
Units
(Note 4)
(Note 5)
(Limit)
REGULATOR OUTPUT
Output Voltage
5 mA
≤ I
O ≤ 500 mA,
4.85
V (min)
T
J = 25˚C
5
V
5.15
V (max)
5mA
≤ I
O ≤ 500 mA
4.75
V (min)
5V
5.25
V (max)
Line Regulation
I
O = 5 mA, 9V ≤ VIN ≤ 16V
1
mV
25
mV (max)
I
O = 5 mA, 7V ≤ VIN ≤ 26V
3
mV
50
mV (max)
Load Regulation
5 mA
≤ I
O ≤ 500 mA
5
mV
60
mV (max)
Quiescent Current
I
O = 5mA
2
mA
3
mA (max)
I
O = 500 mA
8
mA
30
mA (max)
Quiescent Current at Low V
IN
I
O = 5 mA, VIN = 5V
3
mA
10
mA (max)
I
O = 500 mA, VIN = 6V
25
mA
60
mA (max)
Dropout Voltage (Note 6)
I
O = 5 mA, TJ = 25˚C
60
mV
200
mV (max)
I
O = 5 mA
300
mV (max)
I
O = 500 mA, TJ = 25˚C
350
mV
600
mV (max)
I
O = 500 mA
700
mV (max)
Short Circuit Current
V
IN = 8V, RL = 1Ω
800
mA (min)
2A
3
A (max)
Ripple Rejection
ƒ
RIPPLE = 120 Hz, VRIPPLE = 1 Vrms,
60
dB (min)
I
O = 50 mA
Output Impedance
I
O = 50 mAdc and 10 mArms @ 1 kHz
100
m
Ω
Output Noise
10 Hz to 100 kHz, I
O = 50 mA
1
mVrms
Long Term Stability
20
mV/1000 Hr
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com