Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4901YK Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4901YK
Description  Silicon NPN RF Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4901YK Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4901YK Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4901YK Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN RF Transistor
2SC4901YK
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCBO
Collector-Base Breakdown Voltage
IC= 1uA ; IE= 0
15
V
ICBO
Collector Cutoff Current
VCB= 10V ; IE= 0
0.1
uA
IEBO
Emitter Cutoff Current
VEB= 1V; IC= 0
0.1
uA
hFE
DC Current Gain
IC= 20mA ; VCE= 5V
60
150
300
COB
Output Capacitance
VCB=10V,IE=0mA, f=1MHz
1
pF
fT
Current-Gain—Bandwidth Product
VCE=5V,IC=20mA
7
9
GHz
| S21e |2
Power gain
VCE=5V,IC=5mA, f=0.9GHz
13.3
dB
VCE=5V,IC=20mA,f=0.9GHz
13.5
dB
NF
Noise figure
VCE=5V, IC=5mA, f=0.9GHz
1.6
2.5
dB
hFEClassifications
A
B
C
D
E
60-100 90-140 130-180 170-250 250-300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com