Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L50 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # L50
Description  Flame resistant coating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

L50 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  L50 Datasheet HTML 1Page - Ohmite Mfg. Co. L50 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
114
Standard part numbers for 270 series
= Standard values; check availability using the worldwide
inventory search at www.ohmite.com
RedoutlinedvaluessuppliedinSilicone-Ceramiccoatings
instead of vitreous enamel.
0.51  L12JKR51E
1
L12J1R0E
3.3  L12J3R3E
4.7  L12J4R7E
10
L12J10RE
12
L12J12RE
15
L12J15RE
22
L12J22RE
27
L12J27RE
33
L12J33RE
47
L12J47RE
68
L12J68RE
82
L12J82RE
100
L12J100E
150
L12J150E
1 –––1R0E     
2 –––2R0E     
3 –––3R0E     
4 –––4R0E     
5 –––5R0E     
10 –––10RE     
15 –––15RE 
25 –––25RE     
50 –––50RE     
75 –––75RE     
100 –––100E     
125 –––125E
150 –––150E     
200 –––200E  
250 –––250E     
500 –––500E     
750 –––750E   
800 –––800E  
1,000 –––1K0E     
1,500 –––1K5E   
2,000 –––2K0E     
180
L12J180E
270
L12J270E
330
L12J330E
390
L12J390E
470
L12J470E
560
L12J560E
1000
L12J1K0E
1200
L12J1K2E
1500
L12J1K5E
2200
L12J2K2E
2700
L12J2K7E
4700
L12J4K7E
10000
L12J10KE
18000
L12J18KE
22000
L12J22KE
51000
L12J51KE
2,500 –––2K5E   
3,000 –––3K0E     
3,500 –––3K5E 
4,000 –––4K0E  
5,000 –––5K0E     
6,000 –––6K0E 
7,500 –––7K5E   
10,000 –––10KE     
12,000 –––12KE 
15,000 –––15KE   
20,000 –––20KE   
25,000 –––25KE  
30,000 –––30KE
35,000 –––35KE
40,000 –––40KE 
50,000 –––50KE   
60,000 –––60KE
75,000 –––75KE
100,000 –––100KE    
150,000 –––150KE
200,000 –––200KE
250,000 –––250KE
Ohmic
value
12 Watt
Ohmic
value
12 Watt
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Tolerance
J = 5%
K = 10%
Core Diameter
See “Core and
Terminal Selection”
Ohms
R500 = 0.500Ω
1R00 = 1Ω
250R = 250Ω
1K00 = 1,000Ω
25K0 = 25,000Ω
25K5 = 25,500Ω
RoHS Compliant
Coating
270 = Vitreous
470 = Silicone Ceramic
Wattage
Terminal Type
See “Resistor Terminals
for Tubular Cores”
Non-inductive
Blank = Standard
N = Non-inductive
L
2 5 J 1 0 0 E
Tolerance
J = 5%
K = 10%
Ohms
1R0 = 1Ω
250 = 250Ω
1K0 = 1,000Ω
25K = 25,000Ω
25K5 = 25,500Ω
RoHS
Compliant
Wattage
Series
Coating
Blank = Vitreous
C = Centohm
S = Silicone
Non-inductive
Blank = Standard
N = Non-inductive
F = Fast on
(optional)
See website for
custom core and
terminal info
L
D
C
Series Wattage
L
D
C
Core Code* Std. Term.**
L12
12
1.75 / 44.4
0.313 / 7.94 0.188 / 4.76
D
57
L25
25
2.0 / 50.8
0.562 / 14.3 0.313 / 7.94
K
40
L50
50
4.0 / 101.6
0.562 / 14.3 0.313 / 7.94
K
40
L100
100
6.5 / 165.1
0.750 / 19.1 0.50 / 12.7
M
40
L175
175
8.5 / 215.9
1.125 / 28.6 0.75 / 19.1
P
46
L225
225
10.5 / 266.7
1.125 / 28.6 0.75 / 19.1
P
46
L500
500
12.0 / 304.8
2.50 / 63.5
1.75 / 44.5
S
45
L1000 1000
20.0 / 508.0
2.50 / 63.5
1.75 / 44.5
S
45
* http://www.ohmite.com/techdata/200-210-270-custom.pdf
** http://www.ohmite.com/techdata/terminals.pdf
d I me NSIONS
in./mm
O rder IN g INFO rmat ION
270 Series
Vitreous Enamel Power
Standard
Made-to-order



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com