Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMRB6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # GMRB6
Description  Giant Magneto Resistive Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

GMRB6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  GMRB6 Datasheet HTML 1Page - Infineon Technologies AG GMRB6 Datasheet HTML 2Page - Infineon Technologies AG GMRB6 Datasheet HTML 3Page - Infineon Technologies AG GMRB6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GMR B6
Data Sheet
2
2000-07-01
The GMR B6 is an angle sensor based on sputtered metallic multilayer technology.
4 resistors are monolithically integrated on 1 chip. They can be used as a fullbridge or,
if 2 external resistors are added, as 2 halfbridges. The outstanding feature of this
magnetic sensor is the fact, that it is sensitive to the orientation of the magnetic field and
not to its intensity as long as the field is in a range between 5 … 15 kA/m. This means,
the signal output of this sensor is independent of the sensor position relative to the
magnet in lateral, axial or rotational direction in the range of several millimeters.
Optimum results are achieved by using magnetic targets like permanent magnets or
magnetic pole-wheels. There is no need for a biasing magnet! Due to the linear change
of both, basic and field dependent part of the resistance vs. temperature, simple and
efficient electronic compensation of
T
C (R, ∆R) is possible.
Figure 1
Output Voltage of Half Bridges (V1, V4) and Full Bridge (V4 - V1) as a Function of
the Magnetic Field Orientation
GMR B6
-1
0
AED02956
-0.5
0
0.5
1
90
180
270
Deg
360
V
4
V
1
V
1- V4
Angle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com