Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411AD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411AD
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411AD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP411AD Datasheet HTML 9Page - Texas Instruments TMP411AD Datasheet HTML 10Page - Texas Instruments TMP411AD Datasheet HTML 11Page - Texas Instruments TMP411AD Datasheet HTML 12Page - Texas Instruments TMP411AD Datasheet HTML 13Page - Texas Instruments TMP411AD Datasheet HTML 14Page - Texas Instruments TMP411AD Datasheet HTML 15Page - Texas Instruments TMP411AD Datasheet HTML 16Page - Texas Instruments TMP411AD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
13
RESOLUTION REGISTER
The RES1 and RES0 bits (resolution bits 1 and 0) of the
Resolution Register set the resolution of the local
temperature measurement channel. Remote temperature
measurement
channel
resolution
is
not
affected.
Changing the local channel resolution also affects the
conversion time and rate of the TMP411. The Resolution
Register is set by writing to pointer address 1Ah and is
read by reading from pointer address 1Ah. Table 6 shows
the resolution bits for the Resolution Register.
Table 6. Resolution Register:
Local Channel Programmable Resolution
RESOLUTION REGISTER (Read = 1Ah, Write = 1Ah, POR = 1Ch)
RES1
RES0
RESOLUTION
CONVERSION TIME
(Typical)
0
0
9 Bits (0.5
°C)
12.5ms
0
1
10 Bits (0.25
°C)
25ms
1
0
11 Bits (0.125
°C)
50ms
1
1
12 Bits (0.0625
°C)
100ms
Bits 2 through 4 of the Resolution Register must always be
set to ‘1’. Bits 5 through 7 of the Resolution Register must
always be set to ‘0’. The power-on reset value of this
register is 1Ch.
CONVERSION RATE REGISTER
The Conversion Rate Register controls the rate at which
temperature conversions are performed. This register
adjusts the idle time between conversions but not the
conversion timing itself, thereby allowing the TMP411
power dissipation to be balanced with the temperature
register update rate. Table 7 shows the conversion rate
options and corresponding current consumption.
ONE-SHOT CONVERSION
When the TMP411 is in shutdown mode (SD = 1 in the
Configuration Register), a single conversion on both
channels is started by writing any value to the One-Shot
Start Register, pointer address 0Fh. This write operation
starts one conversion; the TMP411 returns to shutdown
mode when that conversion completes. The value of the
data sent in the write command is irrelevant and is not
stored by the TMP411. When the TMP411 is in shutdown
mode, an initial 200
µs is required before a one-shot
command can be given. (Note: When a shutdown
command is issued, the TMP411 completes the current
conversion before shutting down.) This wait time only
applies to the 200
µs immediately following shutdown.
One-shot commands can be issued without delay
thereafter.
Table 7. Conversion Rate Register
CONVERSION RATE REGISTER (Read = 04h, Write = 0Ah, POR = 08h)
AVERAGE IQ (TYP)
(
µA)
R7
R6
R5
R4
R3
R2
R1
R0
CONVERSION/SEC
VS = 2.7V
VS = 5.5V
0
0
0
0
0
0
0
0
0.0625
11
32
0
0
0
0
0
0
0
1
0.125
17
38
0
0
0
0
0
0
1
0
0.25
28
49
0
0
0
0
0
0
1
1
0.5
47
69
0
0
0
0
0
1
0
0
1
80
103
0
0
0
0
0
1
0
1
2
128
155
0
0
0
0
0
1
1
0
4
190
220
07h to 0Fh
8
373
413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com