Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 7Page - STMicroelectronics STLUX385A Datasheet HTML 8Page - STMicroelectronics STLUX385A Datasheet HTML 9Page - STMicroelectronics STLUX385A Datasheet HTML 10Page - STMicroelectronics STLUX385A Datasheet HTML 11Page - STMicroelectronics STLUX385A Datasheet HTML 12Page - STMicroelectronics STLUX385A Datasheet HTML 13Page - STMicroelectronics STLUX385A Datasheet HTML 14Page - STMicroelectronics STLUX385A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
DocID027870 Rev 1
11/126
STLUX
STLUX family features list
126
2
STLUX family features list
The devices of the STLUX family provide the following features:
Table 2. STLUX features list
Feature list
Device
STLUX385A
STLUX383A
STLUX325A
STLUX285A
Package
TSSOP38
TSSOP38
VFQFPN32
TSSOP28
Pin count
38
38
32
28
SMED numbers
6
6
6
6
SMED PWM output pins
6
6
5
4
Fast digital inputs pins
6
6
5(1)
3(2)
Positive comparator input pin
4
4
4
2(3)
Negative comparator input pins
1
1
1
1(3)
DALI peripheral
Yes
Yes
Yes
Yes
Internal DACs
4
4
4
4
ADC input pins
8
8
6
8
ADC gain
x1 - x4
x1
x1
x1
GPIO Port 0 pins
6
6
4
4
UART peripheral
Yes
Yes
Yes
Yes
I2C peripheral
Yes
Yes
Yes
Yes
HSE function
Yes
Yes
Yes
Yes
Timers
System timer
1
1
1
1
Auxiliary timer
1
1
1
1
Auto-wakeup timer
1
1
1
1
Watchdog
Window watchdog timer
1
1
1
1
Independent watchdog timer
1
1
1
1
Flash program memory
32 Kbytes
32 Kbytes
32 Kbytes
32 Kbytes
EEPROM data memory
1 Kbytes
1 Kbytes
1 Kbytes
1 Kbytes
RAM (bytes)
2 Kbytes
2 Kbytes
2 Kbytes
2Kbytes
SWIM pin
Dedicated
Dedicated
Mixed
Dedicated
1. DIGIN2 - DIGIN3 are connected to the same pin.
2. DIGIN0-DIGIN1 are connected on the same pin; DIGIN2-DIGIN3 are connected to the same pin; DIGIN4 - DIGIN5 are
connected to the same pin.
3. CPP0, CPP1 and CPM3 are connected on the same pin; CPP2 and CPP3 are connected to the same pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com