Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6213 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 27Page - STMicroelectronics STM8AF6213 Datasheet HTML 28Page - STMicroelectronics STM8AF6213 Datasheet HTML 29Page - STMicroelectronics STM8AF6213 Datasheet HTML 30Page - STMicroelectronics STM8AF6213 Datasheet HTML 31Page - STMicroelectronics STM8AF6213 Datasheet HTML 32Page - STMicroelectronics STM8AF6213 Datasheet HTML 33Page - STMicroelectronics STM8AF6213 Datasheet HTML 34Page - STMicroelectronics STM8AF6213 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 106 page
background image
DocID025118 Rev 5
31/106
STM8AF6213/23/23A/26
Pinout and pin description
103
17
PE5/ SPI_NSS
[TIM1_CH1N]
I/O
X
X
X HS O3
X
X
Port E5
SPI master/
slave select
Timer 1 -
inverted
channel 1
[AFR1:0]
18
PC1/
TIM1_CH1/
LINUART_CK
[TIM1_CH2N]
I/O
X
X
X HS O3
X
X
Port C1
Timer 1 -
channel 1
LINUART
clock
Timer 1 -
inverted
channel 2
[AFR1:0]
19
PC2/
TIM1_CH2
[TIM1_CH3N]
I/O
X
X
X HS O3
X
X
Port C2
Timer 1 -
channel 2
Timer 1 -
inverted
channel 3
[AFR1:0]
20
PC3/
TIM1_CH3/[TLI]
[TIM1_CH1N]
I/O
X
X
X HS O3
X
X
Port C3
Timer 1 -
channel 3
Top level
interrupt
[AFR3] Timer
1 inverted
channel 1
[AFR7]
21
PC4/
TIM1_CH4/
CLK_CCO/[AIN
2][TIM1_CH2N]
I/O
X
X
X HS O3
X
X
Port C4
Timer 1 -
channel 4
/configurable
clock output
Analog input
2
[AFR2]Timer
1 inverted
channel 2
[AFR7]
22
PC5/SPI_SCK
[TIM5_CH1]
I/O
X
X
X HS O3
X
X
Port C5
SPI clock
Timer 5
channel 1
[AFR0]
23
PC6/
SPI_MOSI
[TIM1_CH1]
I/O
X
X
X HS O3
X
X
Port C6
PI master
out/slave in
Timer 1
channel 1
[AFR0]
24
PC7/
SPI_MISO
[TIM1_CH2]
I/O
X
X
X HS O3
X
X
Port C7
SPI master
in/ slave out
Timer 1
channel
2[AFR0]
25
PD0/
TIM1_BKIN
[CLK_CCO]
I/O
X
X
X HS O3
X
X
Port D0
Timer 1 -
break input
Configurable
clock output
[AFR5]
26
PD1/ SWIM(4)
I/O
X
X
X
HS O4
X
X
Port D1
SWIM data
interface
-
Table 8. STM8AF6226 LQFP32 pin description (continued)
Pin name
Type
Input
Output
Main
function
(after reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com