Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6223 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8AF6223
Description  Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6223 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8AF6223 Datasheet HTML 56Page - STMicroelectronics STM8AF6223 Datasheet HTML 57Page - STMicroelectronics STM8AF6223 Datasheet HTML 58Page - STMicroelectronics STM8AF6223 Datasheet HTML 59Page - STMicroelectronics STM8AF6223 Datasheet HTML 60Page - STMicroelectronics STM8AF6223 Datasheet HTML 61Page - STMicroelectronics STM8AF6223 Datasheet HTML 62Page - STMicroelectronics STM8AF6223 Datasheet HTML 63Page - STMicroelectronics STM8AF6223 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
Electrical characteristics
STM8AF6213/23/23A/26
60/106
DocID025118 Rev 5
Total current consumption in wait mode
Unless otherwise specified, data based are on characterization results, and not tested in
production.
Table 30. Total current consumption in wait mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(WFI)
Supply current
in wait mode
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
1.6
-
mA
HSE user ext. clock (16 MHz)
1.1
1.3
HSI RC osc. (16 MHz)
0.89
1.5(1)
fCPU = fMASTER/128 = 125 kHz HSI RC osc. (16 MHz)
0.7
0.88
fCPU = fMASTER/128 =
15.625 kHz
HSI RC osc. (16 MHz/8)(2)
0.45
0.57
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.4
0.54
1. Tested in production.
2. Default clock configuration measured with all peripherals off.
Table 31. Total current consumption in wait mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1) Unit
IDD(WFI)
Supply current
in wait mode
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
1.1
-
mA
HSE user ext. clock (16 MHz)
1.1
1.3
HSI RC osc. (16 MHz)
0.89
1.1
fCPU = fMASTER/128 = 125 kHz HSI RC osc. (16 MHz)
0.7
0.88
fCPU = fMASTER/128 =
15.625 kHz
HSI RC osc. (16 MHz/8)(2)
0.45
0.57
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.4
0.54
1. Data based on characterization results, not tested in production.
2. Default clock configuration measured with all peripherals off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com