Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF6223 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM8AF6223
Description  Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6223 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM8AF6223 Datasheet HTML 98Page - STMicroelectronics STM8AF6223 Datasheet HTML 99Page - STMicroelectronics STM8AF6223 Datasheet HTML 100Page - STMicroelectronics STM8AF6223 Datasheet HTML 101Page - STMicroelectronics STM8AF6223 Datasheet HTML 102Page - STMicroelectronics STM8AF6223 Datasheet HTML 103Page - STMicroelectronics STM8AF6223 Datasheet HTML 104Page - STMicroelectronics STM8AF6223 Datasheet HTML 105Page - STMicroelectronics STM8AF6223 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
Revision history
STM8AF6213/23/23A/26
104/106
DocID025118 Rev 5
13
Revision history
Table 64. Document revision history
Date
Revision
Changes
11-Oct-2013
1
Initial release.
16-Dec-2013
2
Changed the document status to Production data.
Updated Figure: STM8AF6223PxAx TSSOP20 pinout to
add SPI_NSS to PD4, TLI to PD2, and change remap
function on PB5 from TIM5_BKIn to TIM1_BKIN.
Updated Table: STM8AF6223PxAx TSSOP20 pin
description
to add SPI_NSS to PD4 and TLI to PD2.
Updated Table: STM8AF6223 TSSOP20 pin description
and Table: LQFP32 pin description.
Updated AFR2 definition in Table: STM8AF6223PxAx
alternate function remapping bits [7:2] for 20-pin
packages
.
Removed the remapping option on PA3 for AFR[1:0]=10
in Table: STM8AF6223PxAx alternate function
remapping bits [1:0] for 20-pin packages
.
Added note and removed remapping option on PA3 for
AFR[1:0]=11 in Table: STM8AF6223 alternate function
remapping bits [1:0] for 20-pin packages
. Updated AFR2
definition in STM8AF6223 alternate function remapping
bits [7:2] for 20-pin packages.
Added the note below Table: STM8AF6226T alternate
function remapping bits [1:0] for 32-pin packages
.
Updated Table: I2C characteristics to modify th(SDA) and
add tSP.
Updated Section: C assembly toolchains.
03-Apr-2014
3
Replaced STM8AF6226T by STM8AF6226 part number.
Added STM8AF6223A part number to cover
STM8AF6223PxAx order codes.
Removed LINUART alternate function for PA3 in Table:
STM8AF6223PxAx TSSOP20 pin description
.
Removed note 3 for IDD(AH) in Table: Total current
consumption in active halt mode at VDD = 5 V
.
Updated the remapping option on PA3 for AFR[1:0]=11
in Table: STM8AF6223 alternate function remapping bits
[1:0] for 20-pin packages
.
Updated notes related to tRET minimum value in Table:
Data memory
.
Updated Table: ESD absolute maximum ratings.
Added notes related to protrusions and gate burrs for D
and E1 dimensions in Table: 20-pin, 4.40 mm body, 0.65
mm pitch mechanical data
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com