Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76021-R171 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 76021-R171
Description  Available for ohmic values other than those listed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

76021-R171 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  76021-R171 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
107
characteristics
dimensions
series s P eci F ications
14984 series
High Current Round Edgewound
These high current round edgewound resistors han-
dle a variety of applications including dynamic brak-
ing, load banks, motor starting, and plugging. They
are available in a variety of ohm and current ratings
common to transit use.
A sturdy welded steel frame supports the refrac-
tory insulators. The frame is finished with a zinc
chromate conversion for corrosion resistance. The
ceramic insulators separate turns of the resistance
Current Rating
Continuous current ratings are based on a maximum tem-
perature rise of 375°C as specified by NEMA Industrial
Control Standards for bare element resistors.
Wattage Rating
Can be found from I2R.
Resistance
Tolerance
±10%
Special Engineering
Services
Available for ohmic values other than those listed, mount-
ings, other terminal styles, all stainless frame and terminal
construction.
Ordering Information
Order using the Ward Leonard part number from the table.
Ohmite
Continuous
Ward Leonard
Westinghouse
Part Number
Amps
Ohms
Watts
Part Number
Style Number
76021-R118
160
0.118
3021
14984-10-01
1796207
76021-R157
140
0.157
3077
14984-10-03
1796206
76021-R171
130
0.171
2889
14984-10-04
31D2615A05
76021-R285
100
0.285
2850
14984-10-07
31D2614A03
16.75"
14.9"
ø 5" max.
elements from each other and the frame. The resis-
tance element is a stainless steel strip, used for
its corrosion resistance, negligible temperature
coefficient, and Ohms per foot vs. current carrying
capacity. The resistance element is created by edge-
winding a stainless strip into a continuous coil of the
proper length. Zinc plated terminals welded to the
resistance element complete the assembly.
Contact us with your specific needs.


Similar Part No. - 76021-R171

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
76021-R171 OHMITE-76021-R171 Datasheet
57Kb / 1P
High Current Round Edgewound
76021-R171 OHMITE-76021-R171 Datasheet
128Kb / 1P
High Current Round Edgewound
More results

Similar Description - 76021-R171

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AW56GKE OHMITE-AW56GKE Datasheet
100Kb / 1P
PulsEater Ceramic Composition Available in E12 Ohmic values
logo
Coilcraft lnc.
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
Higher inductance values than other 0402 ceramic chip inductors
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
logo
Ohmite Mfg. Co.
AZ101KE OHMITE-AZ101KE Datasheet
152Kb / 1P
PulsEater Ceramic Composition Available in E12 Ohmic values
logo
List of Unclassifed Man...
ANT-916-CN-N ETC2-ANT-916-CN-N Datasheet
108Kb / 1P
other connectors available for volume applications
logo
JL World Company Limite...
HSB28AE JLWORLD-HSB28AE Datasheet
714Kb / 1P
Specification for other impedance is available upon request
HSB30S JLWORLD-HSB30S Datasheet
591Kb / 1P
Specification for other impedance is available upon request
HSB36W JLWORLD-HSB36W Datasheet
677Kb / 1P
Specification for other impedance is available upon request
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
Custom values available
RES-TNP10 OHMITE-RES-TNP10 Datasheet
475Kb / 2P
Values listed below; others on request
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com