Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F071C8 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32F071C8
Description  ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071C8 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32F071C8 Datasheet HTML 114Page - STMicroelectronics STM32F071C8 Datasheet HTML 115Page - STMicroelectronics STM32F071C8 Datasheet HTML 116Page - STMicroelectronics STM32F071C8 Datasheet HTML 117Page - STMicroelectronics STM32F071C8 Datasheet HTML 118Page - STMicroelectronics STM32F071C8 Datasheet HTML 119Page - STMicroelectronics STM32F071C8 Datasheet HTML 120Page - STMicroelectronics STM32F071C8 Datasheet HTML 121Page - STMicroelectronics STM32F071C8 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
DocID025451 Rev 5
119/122
STM32F071x8 STM32F071xB
Revision history
121
9
Revision history
Table 79. Document revision history
Date
Revision
Changes
13-Jan-2014
1
Initial draft
21-Feb-2014
2
Added part number STM32F071V8.
Changed status of document from “Preliminary data” to
“Production data”.
Updated “Reset and power management” data in Features.
Updated tS_vrefint in Table: Embedded internal reference
voltage.
Updated VHSEH and VHSEL in Table: High-speed external user
clock characteristics.
Updated VLSEH and VLSEL in Table: Low-speed external user
clock characteristics.
Updated tS_temp in Table: TS characteristics.
Updated tS_vbat in Table: VBAT monitoring characteristics.
Updated Section: I2C interface characteristics.
Updated Figure: UFBGA100 package top view and Figure:
WLCSP49 package top view.
Modified value of ts_sc and removed row VBG in Table:
Comparator characteristics.
17-Dec-2015
3
Cover page:
– part numbers moved to title and table of part numbers
removed
– generic product name in the whole document changed to
STM32F071x8/xB
Section 2: Description:
– Figure 1: Block diagram updated
Section 3: Functional overview:
– Figure 2: Clock tree updated
– Section 3.5.4: Low-power modes - added USART2 to
comm. peripherals configurable to operate with HSI
Section 4: Pinouts and pin descriptions:
– Package pinout figures updated (look and feel)
– Figure 8: WLCSP49 package pinout - now presented in
top view
– Figure 3: UFBGA100 package pinout - names of PC14,
PC15, PF0, PF1 complemented
– Table 13: STM32F071x8/xB pin definitions - pin types
corrected for PF0 and PF1
Section 5: Memory mapping:
– Figure 9: added information on STM32F071V8 difference
versus STM32F071xB map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com