Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F071C8 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F071C8
Description  ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071C8 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F071C8 Datasheet HTML 114Page - STMicroelectronics STM32F071C8 Datasheet HTML 115Page - STMicroelectronics STM32F071C8 Datasheet HTML 116Page - STMicroelectronics STM32F071C8 Datasheet HTML 117Page - STMicroelectronics STM32F071C8 Datasheet HTML 118Page - STMicroelectronics STM32F071C8 Datasheet HTML 119Page - STMicroelectronics STM32F071C8 Datasheet HTML 120Page - STMicroelectronics STM32F071C8 Datasheet HTML 121Page - STMicroelectronics STM32F071C8 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 122 page
background image
Revision history
STM32F071x8 STM32F071xB
120/122
DocID025451 Rev 5
17-Dec-2015
3
(continued)
Section 6: Electrical characteristics:
– Table 21: Voltage characteristics and Table 22: Current
characteristics updated
– Table 24: General operating conditions - added footnote for
VIN of TTa I/O
– Table 28: Embedded internal reference voltage: added
tSTART parameter and removal of -40°-to-85° condition for
VREFINT and associated note
– Table 32: Typical and maximum current consumption from
the VBAT supply - added max values
– Merger of two tables into Table 33: Typical current
consumption, code executing from Flash memory, running
from HSE 8 MHz crystal
– Table 35: Peripheral current consumption - APB peripheral
total current consumption corrected
– Table 40: LSE oscillator characteristics (fLSE = 32.768 kHz)
- VDD replaced with VDDIOx
– Table 41: HSI oscillator characteristics and Figure 18: HSI
oscillator accuracy characterization results for soldered
parts updated
– Table 42: HSI14 oscillator characteristics: changed
ACCHSI14 for 0-70° Ta range
– Table 46: Flash memory characteristics: removed Vprog
– Table 49: EMI characteristics updated
– Table 50: ESD absolute maximum ratings updated
– Table 53: I/O static characteristics - note removed
– Table 57: ADC characteristics - updated some parameter
values, test conditions and added footnotes (3) and (4)
– Table 60: DAC characteristics - IDDA max value (DAC DC
current consumption) updated
– Table 61: Comparator characteristics - min value added for
VDDA
– Figure 28: Maximum VREFINT scaler startup time from
power down added
– Table 63: VBAT monitoring characteristics: changed the
typical value for R parameter
– Table 69: I2S characteristics: table reorganized
Section 7: Package information:
– information on packages generally updated
Section 8: Part numbering:
– added tray packing to options
14-Jun-2016
4
Added STM32F071C8 part number
Section 6: Electrical characteristics:
–VREFINT values updated in Table 28: Embedded internal
reference voltage
–RLOAD - added value for connection to VDD
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com